Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2012900YL Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SF2012900YL
Description  SMD LINE FILTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SF2012900YL Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SF2012900YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SF2012900YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SF2012900YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SF2012900YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SF2012900YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SF2012900YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SF2012900YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
C
G
( 1 ) Configuration
NAME
PROD.
REF : 20090324-B
2.0±0.5
T
Embossed Carrier
Carrier Tape Width : D
PAGE: 4
Cover Tape
14
Outer : Carton
G.W. (Kg)
6.50
Q'TY (pcs)
( 3 ) Q'TY & G.W. Per package
Series
SF2012
2,000
( 2 ) Dimensions
07 - 08
Style
178
A
Style
07 - 08
G.W. (gw)
95
Inner : Reel
100,000
Q'TY (pcs)
User direction of feed
21±0.8
B
13
C
8
D
SIZE (cm)
41 x 39 x 22
Unit:m/m
+0
G
50
-0
N
16.5
T
End
no component
Leader
4 m/m
P:4 m/m
Start
no component
Trailer
SMD LINE FILTER
AR-001A
200 m/m min.
Components
400 m/m min.
Ⅶ﹒ELECTRICAL CHARACTERISTICS:
SF2012□□□□L□-□□□


Similar Part No. - SF2012900YL

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF201 WTE-SF201 Datasheet
46Kb / 3P
   2.0A SOFT FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
SF201 CHENYI-SF201 Datasheet
158Kb / 2P
   SUPER FAST RECTIFIER
logo
GOOD-ARK Electronics
SF201 GOOD-ARK-SF201 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Jinan Jingheng (Group) ...
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
Won-Top Electronics
SF201-T3 WTE-SF201-T3 Datasheet
46Kb / 3P
   2.0A SOFT FAST RECOVERY RECTIFIER
More results

Similar Description - SF2012900YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SF0905100YL ABC-SF0905100YL Datasheet
136Kb / 7P
   SMD LINE FILTER
logo
Bourns Electronic Solut...
SRF1306 BOURNS-SRF1306 Datasheet
36Kb / 1P
   SMD Line Filter
SRF2012 BOURNS-SRF2012 Datasheet
118Kb / 1P
   SMD LINE FILTER
logo
ABC Taiwan Electronics ...
SF0503110YL ABC-SF0503110YL Datasheet
1Mb / 7P
   SMD LINE FILTER
SF0903470Y2B ABC-SF0903470Y2B Datasheet
1Mb / 7P
   SMD LINE FILTER
SF1006121YL ABC-SF1006121YL Datasheet
1Mb / 6P
   SMD LINE FILTER
SF6018100YL ABC-SF6018100YL Datasheet
582Kb / 7P
   SMD LINE FILTER
SF3216900YL ABC-SF3216900YL Datasheet
216Kb / 7P
   SMD LINE FILTER
SF0603001YL ABC-SF0603001YL Datasheet
621Kb / 8P
   SMD LINE FILTER
SF1358350YL ABC-SF1358350YL Datasheet
600Kb / 7P
   SMD LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com