Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B88069X4290T502 Datasheet(PDF) 1 Page - EPCOS

Part # B88069X4290T502
Description  Switching Spark Gap
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B88069X4290T502 Datasheet(HTML) 1 Page - EPCOS

  B88069X4290T502 Datasheet HTML 1Page - EPCOS B88069X4290T502 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switching Spark Gap
CAS02X-429
Ordering code: B88069X4290T502
KB AB E / KB AB PM
Issue 03, 01.07.2005
Page 1 of 2
DC spark-over voltage 1) 2)
235 ... 260
V
Initial values
Ignition time tI after 150 hours in darkness
3)
95
99.9
100
%
at –20 °C
at +25; 125 °C
≤ 4
≤ 2
≤ 5
≤ 3
≤ 7
≤ 4
s
s
Electrical life time A
Maximum increase of DC spark-over voltage
25
V
Switching operations at +25; 125 °C
Switching frequency 10 … 25 Hz
Switching frequency < 10 Hz
2 000 000
4 000 000
Ignitions
Ignitions
Test circuit parameters; 1 s ON, 10 s OFF
Open circuit voltage V0'
Loading resistance R
Discharge capacitance C
Inductance L
Discharge peak current IP
230
15
2.2
10
~ 300
Vac
k
µF
µH
A
Electrical life time B
Switching operations at +25 °C
Switching frequency 1000 Hz
600 000
Ignitions
Test circuit parameters; 1 cycle 10 min ON
Open circuit voltage V0'
Loading resistance R
Discharge capacitance C
Inductance L
Discharge peak current IP
230
1.5
0.1
7
~ 300
Vac
k
µF
µH
A
Insulation resistance at 100 Vdc
> 0.1
G
Capacitance at 1 MHz
< 2
pF
Weight
~ 1.5
g
Operation and storage temperature
-20 ... +125
°C
Climatic category (IEC 60068-1)
20/ 125/ 21
Marking, red
CS 230 YYMM O
CS
- Series
230
- Nominal voltage
YY
- Year of production
MM
- Month of production
O
- Non radioactive
1) At delivery AQL 0.65 level II, DIN ISO 2859
2) In ionized mode, after load
3) Time from capacitor charged to the first high voltage spark
Test circuit: Vac = 198 V; R = 36 kΩ; C = 2.2 µF


Similar Part No. - B88069X4290T502

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X4211T902 EPCOS-B88069X4211T902 Datasheet
128Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4220C101 EPCOS-B88069X4220C101 Datasheet
18Kb / 2P
   2-Electrode-Arrester
B88069X4230C101 EPCOS-B88069X4230C101 Datasheet
18Kb / 2P
   2-Electrode-Arrester
B88069X4231S102 EPCOS-B88069X4231S102 Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4231T502 EPCOS-B88069X4231T502 Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
More results

Similar Description - B88069X4290T502

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X0870T502 EPCOS-B88069X0870T502 Datasheet
84Kb / 2P
   Switching Spark Gap
B88069X0410T502 EPCOS-B88069X0410T502 Datasheet
92Kb / 2P
   Switching Spark Gap
B88069X0260S102 EPCOS-B88069X0260S102 Datasheet
90Kb / 2P
   Switching Spark Gap
B88069X5980T502 EPCOS-B88069X5980T502 Datasheet
95Kb / 5P
   Switching spark gap
logo
Socay Electornics Co., ...
UN2K8-350SMD SOCAY-UN2K8-350SMD Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-350SMD-2 SOCAY-UN2K8-350SMD-2 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-400SMD SOCAY-UN2K8-400SMD Datasheet
364Kb / 5P
   Switching Spark Gap
UN2K8-600SMD SOCAY-UN2K8-600SMD Datasheet
363Kb / 5P
   Switching Spark Gap
UN2K8-350-1 SOCAY-UN2K8-350-1 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-500 SOCAY-UN2K8-500 Datasheet
359Kb / 5P
   Switching Spark Gap
logo
TDK Electronics
B88069X3440S102 TDK-B88069X3440S102 Datasheet
168Kb / 5P
   Switching spark gap
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com