Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B85121A2504A101 Datasheet(PDF) 5 Page - EPCOS

Part # B85121A2504A101
Description  EMC filters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B85121A2504A101 Datasheet(HTML) 5 Page - EPCOS

  B85121A2504A101 Datasheet HTML 1Page - EPCOS B85121A2504A101 Datasheet HTML 2Page - EPCOS B85121A2504A101 Datasheet HTML 3Page - EPCOS B85121A2504A101 Datasheet HTML 4Page - EPCOS B85121A2504A101 Datasheet HTML 5Page - EPCOS B85121A2504A101 Datasheet HTML 6Page - EPCOS B85121A2504A101 Datasheet HTML 7Page - EPCOS B85121A2504A101 Datasheet HTML 8Page - EPCOS B85121A2504A101 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
1-line filter components
B85111, B85121
Feedthrough capacitors
Rated voltage 75 to 440 V AC
Rated current 16 to 200 A
Rated capacitance 0.00125 to 4.7
µF
Construction
Building-block system
MKP technology (dry, self-healing)
Dielectric: polypropylene, metallized
Metal case, polyurethane potting (UL 94 V-0)
For central screw fixing
Features
■ Compact dimensions
■ High insertion loss
■ Easy to install
■ High contact reliability thanks to central screw fixing
■ Comply with IEC 60384-14
■ UL approval
Applications
Broadband interference suppression
for AC/DC supply lines, e.g. in
■ shielded rooms
■ telephone exchanges, base stations
■ electrical machines and systems
■ power supplies
Terminals
Threaded studs
Axial leads
Marking
Manufacturer, ordering code, rated capacitance,
rated voltage, rated current, climatic category,
circuit diagram, date of manufacture (MM.YY), approvals
Circuit diagram
SSB1275-J
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
5


Similar Part No. - B85121A2504A101

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
B850 WEITRON-B850 Datasheet
209Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
EPCOS
B85321 EPCOS-B85321 Datasheet
244Kb / 14P
   EMC filters
B85321-A6304-B201 EPCOS-B85321-A6304-B201 Datasheet
77Kb / 2P
   Metallized (selfhealing) film capacitors
B85321A2105A101 EPCOS-B85321A2105A101 Datasheet
244Kb / 14P
   EMC filters
B85321A2105A201 EPCOS-B85321A2105A201 Datasheet
244Kb / 14P
   EMC filters
More results

Similar Description - B85121A2504A101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
   EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
   EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
   EMC filters
B84143B0008R000 EPCOS-B84143B0008R000 Datasheet
165Kb / 9P
   EMC filters
B84299K0021 EPCOS-B84299K0021 Datasheet
155Kb / 8P
   EMC filters
B84102C0020 EPCOS-B84102C0020 Datasheet
115Kb / 6P
   EMC filters
B84142AR122 EPCOS-B84142AR122 Datasheet
246Kb / 12P
   EMC filters
B84112BB60 EPCOS-B84112BB60 Datasheet
134Kb / 11P
   EMC Filters
B84102K0030 EPCOS-B84102K0030 Datasheet
120Kb / 6P
   EMC filters
B84103S0001A010 EPCOS-B84103S0001A010 Datasheet
129Kb / 7P
   EMC filters
B84111A0000A010 EPCOS-B84111A0000A010 Datasheet
167Kb / 9P
   EMC filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com