Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B85321A2204A250 Datasheet(PDF) 6 Page - EPCOS

Part # B85321A2204A250
Description  EMC filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B85321A2204A250 Datasheet(HTML) 6 Page - EPCOS

Back Button B85321A2204A250 Datasheet HTML 2Page - EPCOS B85321A2204A250 Datasheet HTML 3Page - EPCOS B85321A2204A250 Datasheet HTML 4Page - EPCOS B85321A2204A250 Datasheet HTML 5Page - EPCOS B85321A2204A250 Datasheet HTML 6Page - EPCOS B85321A2204A250 Datasheet HTML 7Page - EPCOS B85321A2204A250 Datasheet HTML 8Page - EPCOS B85321A2204A250 Datasheet HTML 9Page - EPCOS B85321A2204A250 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
1-line filters
B85321A*+160
Feedthrough filters
∅ 16 mm, 16 A
Feedthrough filters
∅ 16 mm
Technical data and measuring conditions
Rated voltage VR
250 V AC, 50/60 Hz
600 V DC
Rated current IR
Referred to 40
°C ambient temperature
Reduced current values at 400 Hz
Capacitance tolerance
±20%
Climatic category (IEC 60068-1)
40/085/56 (–40
°C/+85 °C/56 days damp heat test)
Screw cap fixing
M10
× 0.75
Approvals
UL 1283, 250 V
Characteristics and ordering codes
I R
A
CR
µF
VR
V AC
VR
V DC
Vtest
V DC
Terminal
Fig.
Ordering code
Approvals
16
2
× 0.0025 250
600
2700
M2
1
B85321A2502X160
×
2
× 0.0025 250
600
2700
Soldering tag
2
B85321A2502Y160
×
2
× 0.0025 250
600
2700
Leads
∅ 2 mm 3
B85321A2502Z160
×
2
× 0.0025 250
600
2700
Tab connector
6.3 mm
4
B85321A2502W160
×
× = approval granted
Insertion loss (dB); typical values at 50
CR (µF)
10 kHz
100 kHz
1 MHz
10 MHz
100 MHz
1 GHz
2
× 0.0025
25
> 80
> 80
Dimensional drawings
Figure 1, B85321A2502X160
1...3
SSB2018-T
45+2
80+2
60+2
10 4
_
5
Marking
Thread
Tightening torque
M2
0.2 +0.05 Nm
M10
× 0.75 3 +0.5 Nm
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
6


Similar Part No. - B85321A2204A250

ManufacturerPart #DatasheetDescription
logo
EPCOS
B85321A4205B101 EPCOS-B85321A4205B101 Datasheet
76Kb / 2P
   Metallized (selfhealing) film capacitors
B85321A4205B630 EPCOS-B85321A4205B630 Datasheet
84Kb / 2P
   Metallized (selfhealing) film capacitors
B85321A4304A750 EPCOS-B85321A4304A750 Datasheet
79Kb / 2P
   Metallized (selfhealing) film capacitors
B85321A6304B201 EPCOS-B85321A6304B201 Datasheet
77Kb / 2P
   Metallized (selfhealing) film capacitors
More results

Similar Description - B85321A2204A250

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
   EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
   EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
   EMC filters
B84143B0008R000 EPCOS-B84143B0008R000 Datasheet
165Kb / 9P
   EMC filters
B84299K0021 EPCOS-B84299K0021 Datasheet
155Kb / 8P
   EMC filters
B84102C0020 EPCOS-B84102C0020 Datasheet
115Kb / 6P
   EMC filters
B84142AR122 EPCOS-B84142AR122 Datasheet
246Kb / 12P
   EMC filters
B84112BB60 EPCOS-B84112BB60 Datasheet
134Kb / 11P
   EMC Filters
B84102K0030 EPCOS-B84102K0030 Datasheet
120Kb / 6P
   EMC filters
B84103S0001A010 EPCOS-B84103S0001A010 Datasheet
129Kb / 7P
   EMC filters
B84111A0000A010 EPCOS-B84111A0000A010 Datasheet
167Kb / 9P
   EMC filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com