Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B85121A1104C160 Datasheet(PDF) 7 Page - EPCOS

Part # B85121A1104C160
Description  EMC filters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B85121A1104C160 Datasheet(HTML) 7 Page - EPCOS

Back Button B85121A1104C160 Datasheet HTML 3Page - EPCOS B85121A1104C160 Datasheet HTML 4Page - EPCOS B85121A1104C160 Datasheet HTML 5Page - EPCOS B85121A1104C160 Datasheet HTML 6Page - EPCOS B85121A1104C160 Datasheet HTML 7Page - EPCOS B85121A1104C160 Datasheet HTML 8Page - EPCOS B85121A1104C160 Datasheet HTML 9Page - EPCOS B85121A1104C160 Datasheet HTML 10Page - EPCOS B85121A1104C160 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
1-line filter components
B85121A*+160
Feedthrough capacitors
∅ 16 mm, 16 A
Dimensional drawings
Figure 1, B85121A****C160
1...3
SSB2021-D
5
44±3
135 3
_
30+2
45+2
Marking
Tightening torque: 3 +0.5 Nm
Figure 2, B85121A****B160
1...3
SSB2037-Z
155
60+2
45+2
3
_
44±3
5
Marking
Tightening torque: 3 +0.5 Nm
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
7


Similar Part No. - B85121A1104C160

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
B850 WEITRON-B850 Datasheet
209Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
EPCOS
B85321 EPCOS-B85321 Datasheet
244Kb / 14P
   EMC filters
B85321-A6304-B201 EPCOS-B85321-A6304-B201 Datasheet
77Kb / 2P
   Metallized (selfhealing) film capacitors
B85321A2105A101 EPCOS-B85321A2105A101 Datasheet
244Kb / 14P
   EMC filters
B85321A2105A201 EPCOS-B85321A2105A201 Datasheet
244Kb / 14P
   EMC filters
More results

Similar Description - B85121A1104C160

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
   EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
   EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
   EMC filters
B84143B0008R000 EPCOS-B84143B0008R000 Datasheet
165Kb / 9P
   EMC filters
B84299K0021 EPCOS-B84299K0021 Datasheet
155Kb / 8P
   EMC filters
B84102C0020 EPCOS-B84102C0020 Datasheet
115Kb / 6P
   EMC filters
B84142AR122 EPCOS-B84142AR122 Datasheet
246Kb / 12P
   EMC filters
B84112BB60 EPCOS-B84112BB60 Datasheet
134Kb / 11P
   EMC Filters
B84102K0030 EPCOS-B84102K0030 Datasheet
120Kb / 6P
   EMC filters
B84103S0001A010 EPCOS-B84103S0001A010 Datasheet
129Kb / 7P
   EMC filters
B84111A0000A010 EPCOS-B84111A0000A010 Datasheet
167Kb / 9P
   EMC filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com