Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B84312 Datasheet(PDF) 2 Page - EPCOS

Part # B84312
Description  Filters for Communication Lines
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84312 Datasheet(HTML) 2 Page - EPCOS

  B84312 Datasheet HTML 1Page - EPCOS B84312 Datasheet HTML 2Page - EPCOS B84312 Datasheet HTML 3Page - EPCOS B84312 Datasheet HTML 4Page - EPCOS B84312 Datasheet HTML 5Page - EPCOS B84312 Datasheet HTML 6Page - EPCOS B84312 Datasheet HTML 7Page - EPCOS B84312 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For ISDN-Interfaces S0, S2, UP0
and U2 plus Siemens Hicom installations
Stopband attenuation up to 40 GHz
Features
Use of coaxial feed-through capacitors on input and output
Single or current-balanced chokes depending on requirement
Insertion loss to CISPR 17
Installation
Single filters are attached straight to the shielding wall. Larger numbers can be housed in filter
cabinets or boxes. Various models and the matching flexible connector fittings are available.
Overview of ISDN systems and suitable filters
System
Standard
Number
of pairs
Transmission
rate
Focal
frequency
ftest
Filter
band
width
(5 x ftest)
ZL
Filter
(Ordering code)
S2
and/or
PCM 30
CCITT,
G.703
2
2.048 Mbit/s
1.024 MHz 5.12 MHz 120
B84312C0112E001
S0
ISDN,
2B+D
CCITT,
I.430
ETS300012
2
144 kbit/s
96 kHz
480 kHz
85...
160
B84312C0110E001
UP0
ISDN,
2B+D
ZVEI
1
304 kbit/s
(152 kbit/s
in each
direction)
192 kHz
960 kHz
100
B84312C0114B001
U2B1Q
ISDN,
2B+D
ANSI
T1.601-1988
1
160 kbit/s
40 kHz
200 kHz
135
B84312C0060B001
UK0
ISDN,
2B+D
FTZ 1
TR 220
1
160 kbit/s
60 kHz
300 kHz
150
B84312C0060B001
U200
1B+D
Interface for
Siemens
Hicom
1
160 kbit/s
(80 kbit/s
in each
direction)
128 kHz
640 kHz
130
B84312C0114B001
Filters for communication lines
B84312
ISDN systems
2


Similar Part No. - B84312

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84312 EPCOS-B84312 Datasheet
610Kb / 12P
   Filters for Communication Lines
B84312C0020B003 EPCOS-B84312C0020B003 Datasheet
610Kb / 12P
   Filters for Communication Lines
B84312C0020B103 EPCOS-B84312C0020B103 Datasheet
610Kb / 12P
   Filters for Communication Lines
B84312C0020H003 EPCOS-B84312C0020H003 Datasheet
610Kb / 12P
   Filters for Communication Lines
B84312C0020H103 EPCOS-B84312C0020H103 Datasheet
610Kb / 12P
   Filters for Communication Lines
More results

Similar Description - B84312

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84299G0111 EPCOS-B84299G0111 Datasheet
123Kb / 4P
   Filters for Communication Lines
B84299G0126A EPCOS-B84299G0126A Datasheet
509Kb / 9P
   Filters for Communication Lines
B84312C0020B003 EPCOS-B84312C0020B003 Datasheet
610Kb / 12P
   Filters for Communication Lines
B84299C2160B001 EPCOS-B84299C2160B001 Datasheet
834Kb / 18P
   Filters for Power Lines
B84263 EPCOS-B84263 Datasheet
710Kb / 16P
   Filters for Power Lines
B84261 EPCOS-B84261 Datasheet
561Kb / 12P
   Filters for Power Lines
B84299C2160B003 EPCOS-B84299C2160B003 Datasheet
1,006Kb / 21P
   Filters for Power Lines
B84299G EPCOS-B84299G Datasheet
441Kb / 9P
   Filters for Power Lines
logo
Murata Manufacturing Co...
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com