Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B84299G Datasheet(PDF) 7 Page - EPCOS

Part # B84299G
Description  Filters for Communication Lines
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84299G Datasheet(HTML) 7 Page - EPCOS

  B84299G Datasheet HTML 1Page - EPCOS B84299G Datasheet HTML 2Page - EPCOS B84299G Datasheet HTML 3Page - EPCOS B84299G Datasheet HTML 4Page - EPCOS B84299G Datasheet HTML 5Page - EPCOS B84299G Datasheet HTML 6Page - EPCOS B84299G Datasheet HTML 7Page - EPCOS B84299G Datasheet HTML 8Page - EPCOS B84299G Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Filter boxes for communication line filters
with 10 pairs or 20 lines
Design
Material: 1.5 mm sheet steel
RF-tight, welded-in shielding wall of
high-grade steel
Both parts of filter box accessible
through separate lids.
The shielding wall has 6 or 12 rectangular cutouts for screwing in the filters. Unused cutouts are
sealed off by RF-tight dummy panels, which can be removed for later filter additions.
On each side of the box there are terminal strips for attaching the filter lines, and 4 cable inlets
with the thread size of PG 29. Matching cable glands can be screwed in here using reducer rings
if necessary.
Ex works the filter box comes with 4 glands of size PG 29, PG 29/PG 21 reducer rings and PG 21
cable glands.
On the rear the filter box can be connected direct and RF-tight to the shielding wall.
Filters for communication lines
B84299G
Filter boxes
7


Similar Part No. - B84299G

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84299G EPCOS-B84299G Datasheet
441Kb / 9P
   Filters for Power Lines
B84299G0056 EPCOS-B84299G0056 Datasheet
123Kb / 4P
   Filters for Communication Lines
B84299G0059B EPCOS-B84299G0059B Datasheet
441Kb / 9P
   Filters for Power Lines
B84299G0065B EPCOS-B84299G0065B Datasheet
441Kb / 9P
   Filters for Power Lines
B84299G0069B EPCOS-B84299G0069B Datasheet
441Kb / 9P
   Filters for Power Lines
More results

Similar Description - B84299G

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84299G0111 EPCOS-B84299G0111 Datasheet
123Kb / 4P
   Filters for Communication Lines
B84312C0112E001 EPCOS-B84312C0112E001 Datasheet
456Kb / 8P
   Filters for Communication Lines
B84312C0020B003 EPCOS-B84312C0020B003 Datasheet
610Kb / 12P
   Filters for Communication Lines
B84299C2160B001 EPCOS-B84299C2160B001 Datasheet
834Kb / 18P
   Filters for Power Lines
B84263 EPCOS-B84263 Datasheet
710Kb / 16P
   Filters for Power Lines
B84261 EPCOS-B84261 Datasheet
561Kb / 12P
   Filters for Power Lines
B84299C2160B003 EPCOS-B84299C2160B003 Datasheet
1,006Kb / 21P
   Filters for Power Lines
B84299G EPCOS-B84299G Datasheet
441Kb / 9P
   Filters for Power Lines
logo
Murata Manufacturing Co...
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com