Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82730U3262A020 Datasheet(PDF) 4 Page - EPCOS

Part # B82730U3262A020
Description  Power line chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82730U3262A020 Datasheet(HTML) 4 Page - EPCOS

  B82730U3262A020 Datasheet HTML 1Page - EPCOS B82730U3262A020 Datasheet HTML 2Page - EPCOS B82730U3262A020 Datasheet HTML 3Page - EPCOS B82730U3262A020 Datasheet HTML 4Page - EPCOS B82730U3262A020 Datasheet HTML 5Page - EPCOS B82730U3262A020 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
IR
A
LR
mH
Lstray,typ
μH
Rtyp
m
Ω
Ordering code
Approvals
0.40
15
200
2400
B82730U3401A020
pending pending
0.45
10
140
1750
B82730U3451A020
0.60
4.7
70
920
B82730U3601A020
0.75
3.9
55
700
B82730U3751A020
0.95
2.2
30
410
B82730U3951A020
1.0
1.8
25
340
B82730U3102A020
1.6
1.0
14
160
B82730U3162A020
2.6
0.33
5
60
B82730U3262A020
Impedance |Z| versus frequency f
measured with windings in parallel at 20 °C,
typical values
Current derating Iop/IR
versus temperature TA
IND0373-A-E
0
0
TA
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IR
op
I
R
T = 40 C
˚
20
40
60
80
100
140
C
˚
B82730U
Power line chokes
Current-compensated U core double chokes


Similar Part No. - B82730U3262A020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82730U3262A020 EPCOS-B82730U3262A020 Datasheet
482Kb / 6P
   Power line chokes
More results

Similar Description - B82730U3262A020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
B82523T0000E005 EPCOS-B82523T0000E005 Datasheet
137Kb / 6P
   Power line chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com