Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82730U3601A020 Datasheet(PDF) 2 Page - EPCOS

Part # B82730U3601A020
Description  Power line chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82730U3601A020 Datasheet(HTML) 2 Page - EPCOS

  B82730U3601A020 Datasheet HTML 1Page - EPCOS B82730U3601A020 Datasheet HTML 2Page - EPCOS B82730U3601A020 Datasheet HTML 3Page - EPCOS B82730U3601A020 Datasheet HTML 4Page - EPCOS B82730U3601A020 Datasheet HTML 5Page - EPCOS B82730U3601A020 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 300 V AC
Rated current 0.4 A to 2.6 A
Rated inductance 0.33 mH to 15 mH
Construction
Current-compensated U-core double choke
Ferrite core
Closed PET coil former (UL 94 V-0)
Without encapsulation
Creepage distances
≥ 4 mm
Features
High resonance frequency
Approx. 1.3% stray inductance for symmetrical
interference suppression
Low whirring noise
Suitable for wave soldering
Design complies with EN 60938-2 (VDE 0565-2)
VDE and UL approvals
(pending)
RoHS-compatible
Applications
Suppression of common-mode interferences
Compact switch-mode power applications
Electronic ballasts in lamps
Suitable for white goods applications
Terminals
Base material CP wire
Hot-dipped
Pins
∅ 0.6 mm
Lead spacing 7
× 8 (mm)
Marking
Manufacturer’s logo, ordering code (shortened),
date of manufacture (WWYY)
Delivery mode
Polystyrene tray, anti-static
B82730U
Power line chokes
Current-compensated U core double chokes


Similar Part No. - B82730U3601A020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82730U3601A020 EPCOS-B82730U3601A020 Datasheet
482Kb / 6P
   Power line chokes
More results

Similar Description - B82730U3601A020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
B82523T0000E005 EPCOS-B82523T0000E005 Datasheet
137Kb / 6P
   Power line chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com