Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82498F1332J000 Datasheet(PDF) 5 Page - EPCOS

Part # B82498F1332J000
Description  SMT inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82498F1332J000 Datasheet(HTML) 5 Page - EPCOS

  B82498F1332J000 Datasheet HTML 1Page - EPCOS B82498F1332J000 Datasheet HTML 2Page - EPCOS B82498F1332J000 Datasheet HTML 3Page - EPCOS B82498F1332J000 Datasheet HTML 4Page - EPCOS B82498F1332J000 Datasheet HTML 5Page - EPCOS B82498F1332J000 Datasheet HTML 6Page - EPCOS B82498F1332J000 Datasheet HTML 7Page - EPCOS B82498F1332J000 Datasheet HTML 8Page - EPCOS B82498F1332J000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Higher currents possible at temperatures <TR on request.
Sample kit for standard version available. Ordering code: B82498X001
For more information refer to chapter “Sample kits”.
1) For gold-plated terminals the last digit has to be a “1”. Example: B82498F3279K001
2) Replace the + by the code letter for the required inductance tolerance.
LR
nH
Tolerance
fL
MHz
Qmin
fQ
MHz
IR
mA
Rmax
fres,min
MHz
Ordering code1)2)
(standard version)
Core material: ceramic
2.7
±10% K
250
50
1500
1000
0.03
9000
B82498F3279K000
5.6
250
50
1000
900
0.04
7000
B82498F3569K000
6.8
250
50
1000
800
0.05
6000
B82498F3689K000
8.2
250
50
1000
700
0.09
5000
B82498F3829K000
10
±2% G
±5% J
250
50
500
700
0.09
5000
B82498F3100+000
12
250
50
500
700
0.09
4000
B82498F3120+000
15
250
50
500
650
0.13
3300
B82498F3150+000
18
250
60
500
700
0.08
3300
B82498F3180+000
22
250
60
500
700
0.08
2500
B82498F3220+000
27
250
60
500
700
0.09
2500
B82498F3270+000
33
250
65
500
600
0.11
2200
B82498F3330+000
39
250
65
500
600
0.12
2100
B82498F3390+000
47
200
65
500
600
0.13
2000
B82498F3470+000
56
200
60
500
600
0.14
1700
B82498F3560+000
68
200
60
500
500
0.18
1600
B82498F3680+000
82
150
60
500
500
0.19
1500
B82498F3820+000
100
150
55
500
450
0.28
1350
B82498F3101+000
120
150
50
250
440
0.31
1250
B82498F3121+000
150
100
45
250
400
0.42
1150
B82498F3151+000
180
100
45
250
340
0.53
1050
B82498F3181+000
220
100
45
250
320
0.70
950
B82498F3221+000
270
100
45
250
270
1.0
900
B82498F3271+000
330
100
45
250
220
1.5
800
B82498F3331+000
390
100
40
250
210
1.6
700
B82498F3391+000
470
50
30
100
190
1.9
650
B82498F3471+000
560
25
23
50
230
1.3
400
B82498F3561+000
680
25
23
50
190
1.7
300
B82498F3681+000
820
25
23
50
180
1.9
300
B82498F3821+000
^
^
^
B82498F
SMT inductors, SIMID series
SIMID 0805-F


Similar Part No. - B82498F1332J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498F1332J000 EPCOS-B82498F1332J000 Datasheet
78Kb / 7P
   SMT Inductors, SIMID Series SIMID 0805-F
logo
TDK Electronics
B82498F1332J000 TDK-B82498F1332J000 Datasheet
247Kb / 2P
   Inductors (Coils)
More results

Similar Description - B82498F1332J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com