Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82498F Datasheet(PDF) 2 Page - EPCOS

Part # B82498F
Description  SMT inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82498F Datasheet(HTML) 2 Page - EPCOS

  B82498F Datasheet HTML 1Page - EPCOS B82498F Datasheet HTML 2Page - EPCOS B82498F Datasheet HTML 3Page - EPCOS B82498F Datasheet HTML 4Page - EPCOS B82498F Datasheet HTML 5Page - EPCOS B82498F Datasheet HTML 6Page - EPCOS B82498F Datasheet HTML 7Page - EPCOS B82498F Datasheet HTML 8Page - EPCOS B82498F Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Size 0805 (EIA) and/or 2012 (IEC)
Rated inductance 2.7 nH to 6800 nH
Rated current 80 mA to 1000 mA
Construction
Cubic coil with ceramic or ferrite core
Epoxy-molded flat top for vacuum pickup
Winding ends welded to terminals
Features
High resonance frequency
Close inductance tolerance
Suitable for lead-free reflow soldering
RoHS-compatible
Applications
Resonant circuits, impedance matching for
Antenna amplifiers
Multimedia
Wireless communication systems
Car access systems
TPMS (Tire Pressure Monitoring System)
GPS (Global Positioning System)
Terminals
Standard version:
– Base material Al2O3 ceramic and ferrite
– Thick-film coating of Ag/Pd/Pt
Gold-plated terminals:
– Base material Al2O3 ceramic
– Layer composition W/Ni/Au
– Electro-plated
Marking
No marking on component
Minimum data on reel:
Manufacturer, ordering code, L value, quantity, date of packing
Delivery mode and packing unit
8-mm blister tape, wound on 180-mm reel
Packing unit: 3000 pcs./reel
B82498F
SMT inductors, SIMID series
SIMID 0805-F


Similar Part No. - B82498F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498F EPCOS-B82498F Datasheet
78Kb / 7P
   SMT Inductors, SIMID Series SIMID 0805-F
B82498F1102J000 EPCOS-B82498F1102J000 Datasheet
78Kb / 7P
   SMT Inductors, SIMID Series SIMID 0805-F
logo
TDK Electronics
B82498F1102J000 TDK-B82498F1102J000 Datasheet
247Kb / 2P
   Inductors (Coils)
logo
EPCOS
B82498F1122J000 EPCOS-B82498F1122J000 Datasheet
78Kb / 7P
   SMT Inductors, SIMID Series SIMID 0805-F
logo
TDK Electronics
B82498F1122J000 TDK-B82498F1122J000 Datasheet
247Kb / 2P
   Inductors (Coils)
More results

Similar Description - B82498F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com