Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82464G4821M000 Datasheet(PDF) 5 Page - EPCOS

Part # B82464G4821M000
Description  SMT power inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82464G4821M000 Datasheet(HTML) 5 Page - EPCOS

  B82464G4821M000 Datasheet HTML 1Page - EPCOS B82464G4821M000 Datasheet HTML 2Page - EPCOS B82464G4821M000 Datasheet HTML 3Page - EPCOS B82464G4821M000 Datasheet HTML 4Page - EPCOS B82464G4821M000 Datasheet HTML 5Page - EPCOS B82464G4821M000 Datasheet HTML 6Page - EPCOS B82464G4821M000 Datasheet HTML 7Page - EPCOS B82464G4821M000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Sample kit available. Ordering code: B82464X004
For more information refer to chapter “Sample kits”.
LR
μH
Tolerance fL
MHz
IR
A
Isat
A
Rmax
Ω
Ordering code
0.82
±20% M 0.1
7.60
10.3
0.007
B82464G4821M000
1.0
0.1
7.50
10.0
0.007
B82464G4102M000
1.5
0.1
7.00
8.50
0.009
B82464G4152M000
2.2
0.1
6.50
7.00
0.010
B82464G4222M000
3.3
0.1
5.50
5.90
0.012
B82464G4332M000
4.7
0.1
4.90
5.20
0.015
B82464G4472M000
6.8
0.1
4.30
4.60
0.020
B82464G4682M000
10
0.1
3.40
3.50
0.030
B82464G4103M000
15
0.1
2.75
3.10
0.040
B82464G4153M000
22
0.1
2.25
2.50
0.052
B82464G4223M000
33
0.1
1.85
2.10
0.075
B82464G4333M000
47
0.1
1.55
1.80
0.095
B82464G4473M000
68
0.1
1.30
1.45
0.13
B82464G4683M000
100
0.1
1.05
1.15
0.22
B82464G4104M000
150
0.1
0.85
0.90
0.32
B82464G4154M000
220
0.1
0.70
0.75
0.44
B82464G4224M000
330
0.1
0.59
0.65
0.65
B82464G4334M000
470
0.1
0.50
0.55
0.93
B82464G4474M000
680
0.1
0.42
0.46
1.30
B82464G4684M000
1000
0.1
0.34
0.35
2.20
B82464G4105M000
^
B82464G4
SMT power inductors
Size 10.4
s 10.4 s 4.8 (mm)


Similar Part No. - B82464G4821M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82464G4821M000 EPCOS-B82464G4821M000 Datasheet
536Kb / 8P
   SMT power inductors Size 10.4 x 10.4 x 4.8 (mm) Ferrite core
B82464G4821M000 EPCOS-B82464G4821M000 Datasheet
536Kb / 8P
   SMT power inductors
More results

Similar Description - B82464G4821M000

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com