Electronic Components Datasheet Search |
|
SB18062R2ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp |
|
SB18062R2ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp |
3 / 7 page G 34 6.8 G.W. (kg) Outer : Carton AR-001A Inner : Reel 3. Q'TY & G.W. Per package : Q'TY (pcs) Series SB1806 250 2. Dimensions : (m/m) 13 - 32 Style 330 A 13 - 32 Style G.W. (gw) 1,250 Q'TY (pcs) 1,000 13±0.5 User direction of feed 21±0.8 BC D 32 Size (cm) 40 x 40 x 24 100 +0 -0 N 38.4 T ABC'S DWG NO. ABC'S ITEM NO. SPECIFICATION FOR APPROVAL ※ Carrier tape width:D Components C ∮ 200 m/m min. End Leader no component P:20 m/m 4 m/m G 2.0±0.5 Ⅵ﹒ PACKAGING INFORMATION: SMD POWER INDUCTOR 1. Configuration : NAME PROD. REF : T Start 400 m/m min. no component Trailer Embossed carrier Cover tape SB1806□□□□L□-□□□ PAGE: 3 20070414-A |
Similar Part No. - SB18062R2ML |
|
Similar Description - SB18062R2ML |