Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB50144R7ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SB50144R7ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB50144R7ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SB50144R7ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB50144R7ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB50144R7ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB50144R7ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB50144R7ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB50144R7ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB50144R7ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
User direction of feed
Outer : Carton
G.W. (Kg)
14
AR-001A
Q'TY (pcs)
( 3 ) Q'TY & G.W. Per package
SB5014
Series
1000
( 2 ) Dimensions
07-12
Style
178
A
07-12
Style
Inner : Reel
G.W. (gw)
120
40000
Q'TY (pcs)
13
21±0.8
BC
D
12
Size (cm)
42 x 41 x 24
4.7
Unit:m/m
+0
G
-0
50
N
16.5
T
SPECIFICATION FOR APPROVAL
Components
100
Carrier Tape width : D
Embossed carrier
C
200 m/m min.
no component
Leader
End
4 m/m
P:8 m/m
100
100
100
100
G
Ⅵ﹒
PACKAGING INFORMATION:
2.0±0.5
SMD POWER INDUCTOR
( 1 ) Configuration
NAME
PROD.
REF :
T
ABC'S DWG NO.
ABC'S ITEM NO.
400 m/m min.
no component
Trailer
Start
D
Cover Tape
SB5014□□□□L□-□□□
PAGE: 3


Similar Part No. - SB50144R7ML

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SB501 DEC-SB501 Datasheet
318Kb / 2P
   5 AMP SILICON BRIDGE RECTIFIERS
logo
ABC Taiwan Electronics ...
SB5011100ML ABC-SB5011100ML Datasheet
549Kb / 7P
   SMD POWER INDUCTOR
SB5011101ML ABC-SB5011101ML Datasheet
549Kb / 7P
   SMD POWER INDUCTOR
SB5011150ML ABC-SB5011150ML Datasheet
549Kb / 7P
   SMD POWER INDUCTOR
SB50111R0ML ABC-SB50111R0ML Datasheet
549Kb / 7P
   SMD POWER INDUCTOR
More results

Similar Description - SB50144R7ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com