Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB10056R8ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SB10056R8ML
Description  SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB10056R8ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SB10056R8ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB10056R8ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB10056R8ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB10056R8ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB10056R8ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB10056R8ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB10056R8ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SB10056R8ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2. Dimensions : (m/m)
600
3. Q'TY & G.W. Per package :
Q'TY (pcs)
500
AR-001A
SB1005
SB1005
Series
A
Style
13 - 24
330
920
1100
13 - 24
13 - 24
Inner : Reel
G.W. (gw)
Style
2000
2400
6.0
6.6
Outer : Carton
Q'TY (pcs)
G.W. (kg)
User direction of feed
BC
21±0.8
13±0.5
G
D
24
26
+0
40 x 40 x 24
40 x 40 x 24
Size (cm)
T
N
50
-0
30.4
200 m/m min.
SPECIFICATION FOR APPROVAL
Ⅶ﹒PACKAGING INFORMATION:
2.0±0.5
SMD POWER INDUCTOR
no component
Leader
End
1. Configuration :
REF : 20091110-B
PROD.
NAME
※Carrier tape width:D
Embossed carrier
400 m/m min.
P:16 m/m
4 m/m
Components
G
C
no component
Trailer
Start
T
ABC'S ITEM NO.
ABC'S DWG NO.
Cover tape
PAGE: 4
SB1005□□□□L□-□□□


Similar Part No. - SB10056R8ML

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SB100594WE1 MACOM-SB100594WE1 Datasheet
5Mb / 85P
   tyco electronics contents
More results

Similar Description - SB10056R8ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com