Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43540A9567M082 Datasheet(PDF) 9 Page - EPCOS

Part # B43540A9567M082
Description  Aluminum electrolytic capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43540A9567M082 Datasheet(HTML) 9 Page - EPCOS

Back Button B43540A9567M082 Datasheet HTML 5Page - EPCOS B43540A9567M082 Datasheet HTML 6Page - EPCOS B43540A9567M082 Datasheet HTML 7Page - EPCOS B43540A9567M082 Datasheet HTML 8Page - EPCOS B43540A9567M082 Datasheet HTML 9Page - EPCOS B43540A9567M082 Datasheet HTML 10Page - EPCOS B43540A9567M082 Datasheet HTML 11Page - EPCOS B43540A9567M082 Datasheet HTML 12Page - EPCOS B43540A9567M082 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
1) 120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R1)
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 200 V DC
330
25
× 25
250
450
340
3.11
1.59
B43540A2337M0*#
390
25
× 30
210
380
290
3.55
1.81
B43540A2397M0*#
390
30
× 25
210
380
290
3.69
1.88
B43540B2397M0*#
470
25
× 30
180
310
240
3.90
1.99
B43540A2477M0*#
470
30
× 25
180
310
240
4.05
2.06
B43540B2477M0*#
560
25
× 35
150
260
200
4.43
2.26
B43540A2567M0*#
560
30
× 30
150
260
200
4.62
2.36
B43540B2567M0*#
680
25
× 40
120
220
170
5.06
2.58
B43540A2687M0*#
680
30
× 30
120
220
170
5.10
2.60
B43540B2687M0*#
680
35
× 25
120
220
170
5.07
2.58
B43540C2687M0*#
820
25
× 45
100
180
140
5.73
2.92
B43540A2827M0*#
820
30
× 35
100
180
140
5.82
2.97
B43540B2827M0*#
820
35
× 30
100
180
140
6.32
3.22
B43540C2827M0*#
1000
25
× 50
85
150
120
6.51
3.32
B43540A2108M0*#
1000
30
× 40
85
150
120
7.24
3.69
B43540B2108M0*#
1000
35
× 35
85
150
120
7.26
3.70
B43540C2108M0*#
1200
30
× 45
70
130
100
8.18
4.17
B43540A2128M0*#
1200
35
× 35
70
130
100
7.95
4.05
B43540B2128M0*#
1500
30
× 50
55
100
75
9.41
4.80
B43540A2158M0*#
1500
35
× 40
55
100
75
9.20
4.69
B43540B2158M0*#
1800
35
× 45
45
85
65
10.3
5.30
B43540A2188M0*#
2200
35
× 55
40
70
55
12.1
6.17
B43540A2228M0*#
VR = 250 V DC
270
25
× 25
310
540
420
2.99
1.52
B43540E2277M0*#
330
25
× 30
250
450
340
3.46
1.76
B43540E2337M0*#
390
25
× 35
210
380
290
3.92
2.00
B43540E2397M0*#
390
30
× 25
210
380
290
3.91
1.99
B43540F2397M0*#
470
25
× 35
180
310
240
4.30
2.19
B43540E2477M0*#
470
30
× 30
180
310
240
4.49
2.29
B43540F2477M0*#
560
25
× 40
150
260
200
4.87
2.48
B43540E2567M0*#
560
30
× 30
150
260
200
4.90
2.50
B43540F2567M0*#
560
35
× 25
150
260
200
4.95
2.52
B43540G2567M0*#
B43540
Outstanding ripple current
85
°C
Page 9 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43540A9567M082

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43540A5107M002 EPCOS-B43540A5107M002 Datasheet
1,010Kb / 16P
   Aluminum electrolytic capacitors
B43540A5107M007 EPCOS-B43540A5107M007 Datasheet
1,010Kb / 16P
   Aluminum electrolytic capacitors
More results

Similar Description - B43540A9567M082

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com