Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB1045150ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SB1045150ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB1045150ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SB1045150ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB1045150ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB1045150ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB1045150ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB1045150ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB1045150ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB1045150ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2R7
100
AE-001A
10
100
-1
1
10
10
102
3
104
330
DC Current ( A )
0
10
1
10
2
10
101
331
@ Inductance VS. DC Superposition Characteristics
1).
Packaging Information… A:Bulk B:Taping Reel
SMD POWER INDUCTOR
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
SPECIFICATION FOR APPROVAL
SB1045471KL□-□□□
470.0±10%
SB1045102KL□-□□□
SB1045681KL□-□□□
4). Isat base on
L/L0A=10% typ.
3). Irms base on temp. rise 40
max.
2)."-
":Reference code
□□
680.0±10%
1000.0±10%
SB1045470ML□-□□□
SB1045330ML□-□□□
SB1045220ML□-□□□
SB1045680ML□-□□□
SB1045331KL□-□□□
SB1045221KL□-□□□
SB1045151KL□-□□□
SB1045101KL□-□□□
100.0±10%
330.0±10%
150.0±10%
220.0±10%
47.0±20%
33.0±20%
22.0±20%
68.0±20%
REF :
PROD.
NAME
SB1045100ML□-□□□
SB1045150ML□-□□□
SB10452R7ML□-□□□
SB10454R5ML□-□□□
SB10456R8ML□-□□□
DWG No.
2.7±20%
4.5±20%
6.8±20%
10.0±20%
15.0±20%
(uH)
L
12
0.796
100K/0.1V
4.2
100K/0.1V
100K/0.1V
25
13
0.252
0.796
2.9
3.6
14
100K/0.1V
100K/0.1V
100K/0.1V
100K/0.1V
15
12
16
100K/0.1V
100K/0.1V
100K/0.1V
100K/0.1V
21
21
22
20
0.796
9.7
0.796
0.796
0.796
6.4
4.6
7.1
2.52
2.52
2.52
2.52
13.6
11.1
19.4
15.8
0.58
0.52
1.280
2.700
1.920
0.38
0.43
0.40
0.46
1.10
0.300
0.680
0.950
0.500
0.72
0.62
0.85
0.165
0.225
0.088
0.110
1.30
1.60
1.90
2.20
1.30
0.85
0.70
1.05
1.50
1.85
2.10
2.60
SB1045□□□□L□-□□□
Test Freq.
25
100K/0.1V
100K/0.1V
100K/0.1V
100K/0.1V
100K/0.1V
22
26
26
25
ref.
Q
L
(Hz)
7.96
68.7
7.96
2.52
2.52
7.96
35.8
27.8
23.7
44.2
Q
(MHz)
( MHz )
typ.
SRF
ABC'S ITEM NO.
ABC'S DWG NO.
4.80
0.026
0.040
0.068
0.050
0.033
3.50
2.50
3.20
4.20
( Ω )
max.
RDC
(A)
Irms
6.20
4.20
3.00
3.60
5.20
(A)
Isat
PAGE: 2


Similar Part No. - SB1045150ML

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB1045 WTE-SB1045 Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1045 PANJIT-SB1045 Datasheet
52Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
SB1045 SIRECT-SB1045 Datasheet
184Kb / 3P
   Power Schottky Rectifier - 10Amp 45~200Volt
logo
Leshan Radio Company
SB1045 LRC-SB1045 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 10A
logo
Diotech Company.
SB1045 DIOTECH-SB1045 Datasheet
682Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB1045150ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com