Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB0712470KL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # RB0712470KL
Description  RADIAL INDUCTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

RB0712470KL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  RB0712470KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp RB0712470KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp RB0712470KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp RB0712470KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp RB0712470KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPECIFICATION FOR APPROVAL
ABC'S DWG NO.
ABC'S ITEM NO.
AR-001A
e﹒Remark:Products comply with RoHS' requirements
c﹒Operaing temp.:-20℃---- +80℃
Ⅳ﹒GENERAL SPECIFICATION:
a﹒Temp. rise:20℃ max. at rated current.
b﹒Storage temp.:-25℃ ---- +85℃
b﹒Wire:Enamelled copper wire ( Class F )
d﹒Tube: Shrinkable tube 125℃ , 600V
c﹒Lead:Sn/Ag/Cu
REF :
NAME
PROD.
C
E
Ⅱ﹒SCHEMATIC DIAGRAM:
a﹒Core:Ferrite DR core
Ⅲ﹒MATERIALS:
D
B
101----100 uH ( Inductance code )
RADIAL INDUCTOR
Ⅰ﹒CONFIGURATION & DIMENSIONS:
"
" : Start
Matking :
d
c
ψ
W :
0.65
b
a
m/m
RB0712
□□□□L□-□□□
F
:
3.0
±0.5
E
:
2.5 max.
D
: 18.0
±5
C
: 25.0
±5
B
: 10.0
±1.0
A
:
6.7
±0.5
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1
20090312-A


Similar Part No. - RB0712470KL

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30 Datasheet
194Kb / 4P
   Schottky barrier diode (Silicon Epitaxial Planer)
RB070M-30 ROHM-RB070M-30 Datasheet
131Kb / 4P
   Schottky barrier diode
RB070M-30 ROHM-RB070M-30 Datasheet
342Kb / 4P
   Shottky barrier diode
RB070M-30 ROHM-RB070M-30 Datasheet
976Kb / 4P
   Shottky barrier diode
RB070M-30TR ROHM-RB070M-30TR Datasheet
342Kb / 4P
   Shottky barrier diode
More results

Similar Description - RB0712470KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
RC1008100ML ABC-RC1008100ML Datasheet
308Kb / 4P
   RADIAL INDUCTOR
logo
Bourns Electronic Solut...
RL895 BOURNS-RL895 Datasheet
245Kb / 1P
   RADIAL INDUCTOR
logo
ABC Taiwan Electronics ...
RB1014101KL ABC-RB1014101KL Datasheet
118Kb / 5P
   RADIAL INDUCTOR
RB1010101 ABC-RB1010101 Datasheet
104Kb / 4P
   RADIAL INDUCTOR
RB13143R3ML ABC-RB13143R3ML Datasheet
347Kb / 4P
   RADIAL INDUCTOR
RH09121R5ML ABC-RH09121R5ML Datasheet
410Kb / 6P
   RADIAL INDUCTOR
RB09121R5ML ABC-RB09121R5ML Datasheet
119Kb / 5P
   RADIAL INDUCTOR
RC1010100ML ABC-RC1010100ML Datasheet
338Kb / 4P
   RADIAL INDUCTOR
RB09143R3ML ABC-RB09143R3ML Datasheet
403Kb / 5P
   RADIAL INDUCTOR
RH09104R7ML ABC-RH09104R7ML Datasheet
478Kb / 6P
   RADIAL INDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com