Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB1010393 Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # RB1010393
Description  RADIAL INDUCTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

RB1010393 Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  RB1010393 Datasheet HTML 1Page - ABC Taiwan Electronics Corp RB1010393 Datasheet HTML 2Page - ABC Taiwan Electronics Corp RB1010393 Datasheet HTML 3Page - ABC Taiwan Electronics Corp RB1010393 Datasheet HTML 4Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-□□□
0.252M
1V/1K
110
0.380
7.50
25
6800 ± 5%
RB1010682□L□
1). □:Packaging information… A:Bulk
56000 ± 5%
47000 ± 5%
82000 ± 5%
68000 ± 5%
100000 ± 5%
12000 ± 5%
10000 ± 5%
18000 ± 5%
15000 ± 5%
27000 ± 5%
22000 ± 5%
39000 ± 5%
33000 ± 5%
8200 ± 5%
AR-001A
-□□□
RB1010393□L□
2)."-
":Reference code
RB1010823□L□
RB1010104□L□
RB1010473□L□
RB1010563□L□
RB1010683□L□
-□□□
-□□□
-□□□
-□□□
-□□□
RB1010223□L□
RB1010273□L□
RB1010333□L□
RB1010183□L□
RB1010822□L□
RB1010153□L□
RB1010123□L□
RB1010103□L□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
79.6K
1V/1K
40
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
35
30
35
35
40
79.6K
25.2K
79.6K
79.6K
79.6K
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
50
45
45
55
50
45
50
25
79.6K
79.6K
79.6K
79.6K
79.6K
79.6K
79.6K
0.252M
37
0.160
45.00
0.120
105.00
0.100
140.00
0.130
0.125
0.150
66.00
78.00
52.00
22
20
30
24
32
0.190
0.180
0.230
0.200
32.00
40.00
21.00
25.00
0.340
0.300
0.280
0.350
10.00
17.00
13.50
8.60
48
40
55
52
100
80
70
105
2200 ± 5%
3300 ± 5%
2700 ± 5%
4700 ± 5%
5600 ± 5%
3900 ± 5%
470 ± 10%
680 ± 5%
560 ± 5%
1000 ± 5%
1500 ± 5%
1200 ± 5%
820 ± 5%
1800 ± 5%
220 ± 10%
330 ± 10%
270 ± 10%
390 ± 10%
150 ± 10%
180 ± 10%
120 ± 10%
RADIAL INDUCTOR
Inuductance
100 ± 10%
( uH )
Ⅴ﹒ELECTRICAL CHARACTERISTICS :
SPECIFICATION FOR APPROVAL
-□□□
RB1010271□L□
-□□□
RB1010152□L□
RB1010332□L□
RB1010392□L□
RB1010562□L□
RB1010472□L□
RB1010222□L□
RB1010272□L□
RB1010182□L□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
RB1010561□L□
RB1010821□L□
RB1010681□L□
RB1010122□L□
RB1010102□L□
RB1010471□L□
RB1010391□L□
RB1010331□L□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
REF : 20081211-A
RB1010121□L□
RB1010221□L□
RB1010151□L□
RB1010181□L□
RB1010101□L□
DWG No.
-□□□
-□□□
-□□□
-□□□
-□□□
NAME
PROD.
0.796M
1V/1K
520
2.000
0.32
28
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
30
25
25
30
40
35
30
35
0.252M
0.252M
0.252M
0.252M
0.252M
0.252M
0.252M
0.252M
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
18
18
15
13
15
20
17
22
0.796M
0.796M
0.252M
0.252M
0.796M
0.796M
0.796M
0.796M
0.660
3.60
0.480
0.450
0.600
5.40
6.00
4.20
0.720
0.680
0.780
0.820
2.80
3.20
2.20
1.80
155
130
120
140
180
160
200
220
1.500
0.65
1.220
1.100
1.000
1.300
1.00
1.30
1.20
0.80
1.700
1.600
1.800
0.43
0.50
0.38
370
300
270
250
330
430
400
480
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
40
30
30
35
min.
30
Q
0.796M
0.796M
0.796M
0.796M
Test Freq. ( Hz )
L
0.796M
Q
ABC'S ITEM NO.
ABC'S DWG NO.
3.000
0.18
2.600
2.200
2.800
0.23
0.28
0.20
( MHz )
3.500
min.
SRF
( Ω )
0.12
max.
RDC
820
680
620
780
( mA )
900
max.
IDC
RB1010□□□□L□-□□□
PAGE: 2


Similar Part No. - RB1010393

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB1010 ALLIED-RB1010 Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB1010-101K-RC ALLIED-RB1010-101K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB1010-101K-RC ALLIED-RB1010-101K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
More results

Similar Description - RB1010393

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
RC1008100ML ABC-RC1008100ML Datasheet
308Kb / 4P
   RADIAL INDUCTOR
logo
Bourns Electronic Solut...
RL895 BOURNS-RL895 Datasheet
245Kb / 1P
   RADIAL INDUCTOR
logo
ABC Taiwan Electronics ...
RB1014101KL ABC-RB1014101KL Datasheet
118Kb / 5P
   RADIAL INDUCTOR
RB0712100KL ABC-RB0712100KL Datasheet
119Kb / 5P
   RADIAL INDUCTOR
RB13143R3ML ABC-RB13143R3ML Datasheet
347Kb / 4P
   RADIAL INDUCTOR
RH09121R5ML ABC-RH09121R5ML Datasheet
410Kb / 6P
   RADIAL INDUCTOR
RB09121R5ML ABC-RB09121R5ML Datasheet
119Kb / 5P
   RADIAL INDUCTOR
RC1010100ML ABC-RC1010100ML Datasheet
338Kb / 4P
   RADIAL INDUCTOR
RB09143R3ML ABC-RB09143R3ML Datasheet
403Kb / 5P
   RADIAL INDUCTOR
RH09104R7ML ABC-RH09104R7ML Datasheet
478Kb / 6P
   RADIAL INDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com