Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS1608R27ML Datasheet(PDF) 5 Page - ABC Taiwan Electronics Corp

Part # MS1608R27ML
Description  MULTILAYER CHIP INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MS1608R27ML Datasheet(HTML) 5 Page - ABC Taiwan Electronics Corp

  MS1608R27ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp MS1608R27ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp MS1608R27ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp MS1608R27ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp MS1608R27ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp MS1608R27ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
3.50
(0.079±0.002)
2±0.05
AR-001A
MS1608
Type
1.05
A
1.85
BF
PROD.
MULTILAYER CHIP INDUCTOR
( 4 ) TYPE DIMENSIONS
NAME
Fig 1.
P±0.1
(0.004)
(0.157±0.004)
4±0.1
REF :
Unit:m/m
1.10
T
4.0
P
8.0
W
1
Fig
MS1608□□□□L□-□□□
T max.
A±0.1
(0.004)
(0.061±0.002)
φ1.55±0.05
PAGE: 5


Similar Part No. - MS1608R27ML

ManufacturerPart #DatasheetDescription
logo
Altech corporation
MS16 ALTECH-MS16 Datasheet
774Kb / 8P
   MS016
logo
Pan Jit International I...
MS16 PANJIT-MS16 Datasheet
109Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
MS16 KISEMICONDUCTOR-MS16 Datasheet
5Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Microsemi Corporation
MS16100 MICROSEMI-MS16100 Datasheet
122Kb / 2P
   16 AMP SCHOTTKY RECTIFIER
logo
Zibo Seno Electronic En...
MS16100 ZSELEC-MS16100 Datasheet
158Kb / 2P
   16.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - MS1608R27ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MH10051N0DL ABC-MH10051N0DL Datasheet
101Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH16081N0D2 ABC-MH16081N0D2 Datasheet
153Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS326147NML ABC-MS326147NML Datasheet
211Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Socay Electornics Co., ...
SCML20122R2MTF SOCAY-SCML20122R2MTF Datasheet
211Kb / 5P
   Multilayer Chip Inductor
logo
ABC Taiwan Electronics ...
MH16081N0DL ABC-MH16081N0DL Datasheet
393Kb / 5P
   MULTILAYER CHIP INDUCTOR
MH20121N2DL ABC-MH20121N2DL Datasheet
106Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Murata Manufacturing Co...
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com