Electronic Components Datasheet Search |
|
B43601A9157M062 Datasheet(PDF) 5 Page - EPCOS |
|
B43601A9157M062 Datasheet(HTML) 5 Page - EPCOS |
5 / 20 page Snap-in capacitors with PVC insulation and PET insulation cap on terminal side Snap-in terminals, length 6.3 +1/ 1.4 mm. Also available in a shorter version with a length of 4.5 1.4 mm. PET insulation cap is positioned under the insulation sleeve. Snap-in capacitors are also available with 3 terminals (length 4.5 1.4 mm). PET insulation cap is positioned under the insulation sleeve. Dimensions (mm) Approx. weight (g) Packing units (pcs.) d +1.4 l +2.2/ 2 22 25 9 160 22 30 12 160 22 35 15 160 22 40 18 160 22 45 20 160 22 50 24 160 25 25 13 130 25 30 17 130 25 35 19 130 25 40 22 130 25 45 25 130 25 50 29 130 25 55 32 130 Dimensions (mm) Approx. weight (g) Packing units (pcs.) d +1.4 l +2.2/ 2 30 25 17 80 30 30 23 80 30 35 29 80 30 40 36 80 30 45 41 80 30 50 46 80 30 55 53 80 35 25 22 60 35 30 29 60 35 35 36 60 35 40 41 60 35 45 56 60 35 50 70 60 35 55 81 60 B43601 Long useful life and ultra compact 85 °C Page 5 of 20 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B43601A9157M062 |
|
Similar Description - B43601A9157M062 |