Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV2023500KL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # PV2023500KL
Description  POWER INDUCTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

PV2023500KL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  PV2023500KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp PV2023500KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp PV2023500KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
b﹒Wire:Enamelled copper wire
b
Dimensions
1K
PV2023101KL□-□□□
0.060
100 ±10%
4.0
15.5
PV2023202KL□-□□□
PV2023102KL□-□□□
PV2023501KL□-□□□
PV2023251KL□-□□□
AR-001A
1). □:Packaging information… A:Bulk
2000 ±10%
2). "-
":Reference code
□ □
500 ±10%
1000 ±10%
250 ±10%
1K
1.200
0.8
12.5
1K
0.280
1K
0.550
1K
0.140
1.5
12.5
1.2
12.5
2.5
12.5
PV2023500KL□-□□□
PV2023100ML□-□□□
Ⅳ﹒GENERAL SPECIFICATION:
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
Inductance
DWG No.
10 ±20%
50 ±10%
( μH )
d﹒Operating temp.:-40 〜 +85℃
( Ω )
( A )
Freq.
1K
0.008
1K
0.032
(Hz)
max.
10.0
15.5
5.0
15.5
max.
F m/m
Test
RDC
IDC
a﹒The inductance drop at rated current is 10% max.
b﹒Temp. rise:45℃ max. at ratted current.
e﹒Remark:Products comply with RoHS' requirements
c﹒Storage temp.:-40 〜 +105℃
c﹒Lead:Sn/Ag/Cu
d﹒Tube: Shrinkable tube 125℃
A
0.9
B
1.0
B
1.0
1.0B
1.0B
Fig
A
1.3
1.0A
W m/m
c
d
SPECIFICATION FOR APPROVAL
E
:
3.0 max.
C
:
15.0±5.0
B
:
23.0 max.
PV2023□□□□L□-□□□
A
:
20.0 max.
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅲ﹒MATERIALS:
Fig : A
Fig : B
a﹒Core:Ferrite DR core
B
C
E
B
C
E
REF : 20100118-A
NAME
PROD.
Ⅰ﹒CONFIGURATION & DIMENSIONS:
POWER INDUCTOR
ABC'S DWG NO.
ABC'S ITEM NO.
a
m/m
m/m
m/m
m/m
PAGE: 1


Similar Part No. - PV2023500KL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PV20 ETC1-PV20 Datasheet
46Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE BRIDGE
logo
MORNSUN Science& Techno...
PV200-27B12 MORNSUN-PV200-27B12 Datasheet
1Mb / 5P
   New energy over wide and over high input voltage isolation converter
PV200-27B15 MORNSUN-PV200-27B15 Datasheet
1Mb / 5P
   New energy over wide and over high input voltage isolation converter
PV200-27B24 MORNSUN-PV200-27B24 Datasheet
1Mb / 5P
   New energy over wide and over high input voltage isolation converter
PV200-27B26 MORNSUN-PV200-27B26 Datasheet
1Mb / 5P
   New energy over wide and over high input voltage isolation converter
More results

Similar Description - PV2023500KL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com