Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS202982NML Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # MS202982NML
Description  MULTILAYER CHIP INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MS202982NML Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  MS202982NML Datasheet HTML 1Page - ABC Taiwan Electronics Corp MS202982NML Datasheet HTML 2Page - ABC Taiwan Electronics Corp MS202982NML Datasheet HTML 3Page - ABC Taiwan Electronics Corp MS202982NML Datasheet HTML 4Page - ABC Taiwan Electronics Corp MS202982NML Datasheet HTML 5Page - ABC Taiwan Electronics Corp MS202982NML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1 ~ 9
Lead Free Special products comply with RoHS' requirements
L
Lead Free Standard products comply with RoHS' requirements
3000
Inner package Q'TY
4000
3000
T.B.D.
A
C
B
AR-001A
T / R ( Reel package )
T / R ( Reel package )
T / R ( Reel package )
Appendix code 1
Product Classification
Appendix code 2
Package Information
Code
Inner package
T.B.D.
MS2022
MS2029
MS2022
pcs
pcs
pcs
Remark
Type code
Dimension code
Electrical code
SPECIFICATION FOR APPROVAL
MULTILAYER CHIP INDUCTOR
Ⅷ﹒:
DWGING NUMBER EXPRESSION
M
S
20
REF : 20090811-A
NAME
PROD.
ABC'S ITEM NO.
ABC'S DWG NO.
Appendix code 2 : Package
Appendix code 1 : Classification
Tolerance code
Reference code
MS20□□□□□□L□-□□□
PAGE: 6


Similar Part No. - MS202982NML

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MS202 ZSELEC-MS202 Datasheet
135Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
logo
Microsemi Corporation
MS2020 MICROSEMI-MS2020 Datasheet
120Kb / 2P
   20 AMP SCHOTTKY OR-ING RECTIFIER
logo
EIC discrete Semiconduc...
MS20200 EIC-MS20200 Datasheet
95Kb / 2P
   Schottky Barrier Rectifiers
More results

Similar Description - MS202982NML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MS160847NML ABC-MS160847NML Datasheet
187Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0DL ABC-MH10051N0DL Datasheet
101Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH16081N0D2 ABC-MH16081N0D2 Datasheet
153Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS326147NML ABC-MS326147NML Datasheet
211Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Socay Electornics Co., ...
SCML20122R2MTF SOCAY-SCML20122R2MTF Datasheet
211Kb / 5P
   Multilayer Chip Inductor
logo
ABC Taiwan Electronics ...
MH16081N0DL ABC-MH16081N0DL Datasheet
393Kb / 5P
   MULTILAYER CHIP INDUCTOR
MH20121N2DL ABC-MH20121N2DL Datasheet
106Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Murata Manufacturing Co...
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com