Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS32618R2ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # MS32618R2ML
Description  MULTILAYER CHIP INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MS32618R2ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  MS32618R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp MS32618R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp MS32618R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp MS32618R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp MS32618R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp MS32618R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
User direction of feed
Q'TY (pcs)
120,000
Components
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
G
AR-001A
( 2 ) Dimensions
( 3 ) Q'TY & G.W. Per package
Series
Q'TY (pcs)
MS3261
3,000
07 - 08
Style
178
A
G.W. (gw)
Style
07 - 08
150
Inner : Reel
21±0.8
B
13
C
8
D
no component
Leader
200 m/m Min.
End
P:4 m/m
4 m/m
REF :
PROD.
NAME
2.0±0.5
MULTILAYER CHIP INDUCTOR
Ⅶ﹒PACKAGING INFORMATION:
C
( 1 ) Configuration
T
Embossed Cappier
Unit:m/m
41 x 39 x 22
Size (cm)
G.W. (Kg)
8.5
Outer : Carton
10+0
G
-0
50
N
12.5
T
no component
Trailer
400 m/m Min.
Carrier tape width : D
Start
MS3261□□□□L□-□□□
Cover Tape
D
PAGE: 4


Similar Part No. - MS32618R2ML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MS32 TI-MS32 Datasheet
403Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
logo
TE Connectivity Ltd
MS32 TEC-MS32 Datasheet
287Kb / 6P
   AMR Switching-Sensor
logo
Zibo Seno Electronic En...
MS320 ZSELEC-MS320 Datasheet
136Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
logo
List of Unclassifed Man...
MS3201 ETC1-MS3201 Datasheet
557Kb / 6P
   115.2 kbps infrared transceiver module
logo
AMETHERM Circuit Protec...
MS320R536 AMETHERM-MS320R536 Datasheet
153Kb / 1P
   Circuit Protection Thermistors
More results

Similar Description - MS32618R2ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MS160847NML ABC-MS160847NML Datasheet
187Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0DL ABC-MH10051N0DL Datasheet
101Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH16081N0D2 ABC-MH16081N0D2 Datasheet
153Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Socay Electornics Co., ...
SCML20122R2MTF SOCAY-SCML20122R2MTF Datasheet
211Kb / 5P
   Multilayer Chip Inductor
logo
ABC Taiwan Electronics ...
MH16081N0DL ABC-MH16081N0DL Datasheet
393Kb / 5P
   MULTILAYER CHIP INDUCTOR
MH20121N2DL ABC-MH20121N2DL Datasheet
106Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Murata Manufacturing Co...
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com