Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS2029R39ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # MS2029R39ML
Description  MULTILAYER CHIP INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MS2029R39ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  MS2029R39ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp MS2029R39ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp MS2029R39ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp MS2029R39ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp MS2029R39ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp MS2029R39ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MULTILAYER CHIP INDUCTOR
::
1). □
Packaging Information… A
Bulk B
Taping Reel
SPECIFICATION FOR APPROVAL
Ⅴ﹒:
ELECTRICAL CHARACTERISTICS
min
-□□□
MS20292R2ML□
2.200±20%
AR-001A
2) ."-
":Reference code
MS20222R7ML□
MS20223R3ML□
MS20223R9ML□
MS20224R7ML□
MS20225R6ML□
MS20226R8ML□
□□□
2.700±20%
6.800±20%
3.900±20%
4.700±20%
5.600±20%
3.300±20%
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
MS2029R15ML□
MS2029R18ML□
MS2029R22ML□
MS2029R27ML□
MS2029R33ML□
MS2029R47ML□
MS2029R56ML□
MS2029R68ML□
MS2029R39ML□
MS2029R82ML□
MS20291R0ML□
MS20291R2ML□
MS20291R8ML□
MS20291R5ML□
0.560±20%
0.680±20%
1.000±20%
1.200±20%
1.500±20%
1.800±20%
0.820±20%
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
0.150±20%
0.180±20%
0.220±20%
0.270±20%
0.330±20%
0.390±20%
0.470±20%
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
MS202947NML□
MS202968NML□
MS202982NML□
MS2029R12ML□
MS2029R10ML□
DWG No.
NAME
PROD.
REF :
0.082±20%
0.047±20%
0.068±20%
0.100±20%
0.120±20%
Inductance
-□□□
-□□□
-□□□
-□□□
-□□□
( μH )
30
0.65
50
10
45
45
38
35
29
32
41
10
10
10
4
4
10
45
50
50
45
45
45
0.90
0.90
1.00
1.00
0.80
0.75
30
15
15
30
30
30
185
200
170
150
145
125
105
115
135
75
65
55
60
100
25
25
10
10
10
10
25
45
45
45
45
25
25
25
25
25
25
25
25
25
25
20
25
25
20
20
20
20
0.40
0.50
0.60
0.50
1.00
0.80
0.75
50
50
50
50
150
150
150
0.50
0.65
0.65
0.55
0.40
0.50
0.40
250
250
200
200
250
250
250
255
SRF
min
320
280
220
235
( MHz )
50
50
(MHz)
50
25
25
Test Freq.
15
20
20
15
15
Q
ABC'S DWG NO.
ABC'S ITEM NO.
0.20
0.30
0.30
0.20
max
0.20
RDC
( Ω )
300
300
250
250
IDC
300
max
( mA )
MS20□□□□□□L□-□□□
PAGE: 2
20090811-A


Similar Part No. - MS2029R39ML

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MS202 ZSELEC-MS202 Datasheet
135Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
logo
Microsemi Corporation
MS2020 MICROSEMI-MS2020 Datasheet
120Kb / 2P
   20 AMP SCHOTTKY OR-ING RECTIFIER
logo
EIC discrete Semiconduc...
MS20200 EIC-MS20200 Datasheet
95Kb / 2P
   Schottky Barrier Rectifiers
More results

Similar Description - MS2029R39ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MS160847NML ABC-MS160847NML Datasheet
187Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0DL ABC-MH10051N0DL Datasheet
101Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH16081N0D2 ABC-MH16081N0D2 Datasheet
153Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS326147NML ABC-MS326147NML Datasheet
211Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Socay Electornics Co., ...
SCML20122R2MTF SOCAY-SCML20122R2MTF Datasheet
211Kb / 5P
   Multilayer Chip Inductor
logo
ABC Taiwan Electronics ...
MH16081N0DL ABC-MH16081N0DL Datasheet
393Kb / 5P
   MULTILAYER CHIP INDUCTOR
MH20121N2DL ABC-MH20121N2DL Datasheet
106Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Murata Manufacturing Co...
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com