Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH201227NJL Datasheet(PDF) 5 Page - ABC Taiwan Electronics Corp

Part # MH201227NJL
Description  MULTILAYER CHIP INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MH201227NJL Datasheet(HTML) 5 Page - ABC Taiwan Electronics Corp

  MH201227NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp MH201227NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp MH201227NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp MH201227NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp MH201227NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp MH201227NJL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
( 4 ) TYPE DIMENSIONS
Fig 1.
4 ±0.1
(0.157 ± 0.004)
2± 0.05
(0.079 ±0.002)
T max.
(0.061 ± 0.002)
Type
P
Fig
Unit:m/m
F
TW
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
REF :
PAGE: 5
PROD.
NAME
B
A
3.50
1.101
MH2012
2.30
1.50
4.0
8.0
P± 0.1
(0.004)
A± 0.1
(0.004)
MULTILAYER CHIP INDUCTOR
MH2012□□□□L□-□□□
AR-001A
φ1.55±0.05


Similar Part No. - MH201227NJL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MH20 BOURNS-MH20 Datasheet
911Kb / 6P
   MH45/MH32/MH20 Series High Current Chip Ferrite Beads
REV. 06/22
logo
MicroPower Direct, LLC
MH200RW MPD-MH200RW Datasheet
400Kb / 2P
   Wide Input, 2W Ultra-Miniature DC/DC Converters
logo
List of Unclassifed Man...
MH202 ETC1-MH202 Datasheet
163Kb / 2P
   High Dynamic Range Cellular Band MMIC Mixer
logo
Bourns Electronic Solut...
MH2029-070Y BOURNS-MH2029-070Y Datasheet
1Mb / 8P
   High Current Chip Ferrite Beads
MH2029-070Y BOURNS-MH2029-070Y Datasheet
1Mb / 6P
   High Current Chip Ferrite Beads
More results

Similar Description - MH201227NJL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MS160847NML ABC-MS160847NML Datasheet
187Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0DL ABC-MH10051N0DL Datasheet
101Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH16081N0D2 ABC-MH16081N0D2 Datasheet
153Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS326147NML ABC-MS326147NML Datasheet
211Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Socay Electornics Co., ...
SCML20122R2MTF SOCAY-SCML20122R2MTF Datasheet
211Kb / 5P
   Multilayer Chip Inductor
logo
ABC Taiwan Electronics ...
MH16081N0DL ABC-MH16081N0DL Datasheet
393Kb / 5P
   MULTILAYER CHIP INDUCTOR
logo
Murata Manufacturing Co...
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com