Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH16085N6DL Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # MH16085N6DL
Description  MULTILAYER CHIP INDUCTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MH16085N6DL Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  MH16085N6DL Datasheet HTML 1Page - ABC Taiwan Electronics Corp MH16085N6DL Datasheet HTML 2Page - ABC Taiwan Electronics Corp MH16085N6DL Datasheet HTML 3Page - ABC Taiwan Electronics Corp MH16085N6DL Datasheet HTML 4Page - ABC Taiwan Electronics Corp MH16085N6DL Datasheet HTML 5Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
MULTILAYER CHIP INDUCTOR
Ⅷ﹒
L / Q VS. FREQ. CURVE:
NAME
PROD.
REF :
PAGE: 4
R10
56N
Frequency ( GHz )
Frequency ( GHz )
e-02
1.0
0
20
40
60
12N
4N7
2N2
e-02
Q vs. Frequency
80
100
1
1.0
10
R10
56N
27N
L vs. Frequency
100
1000
10
27N
12N
4N7
2N2
10
AR-001A
MH1608□□□□L□-□□□


Similar Part No. - MH16085N6DL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MH16085N6D2 ABC-MH16085N6D2 Datasheet
153Kb / 6P
   MULTILAYER CHIP INDUCTOR
More results

Similar Description - MH16085N6DL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MS160847NML ABC-MS160847NML Datasheet
187Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0DL ABC-MH10051N0DL Datasheet
101Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH16081N0D2 ABC-MH16081N0D2 Datasheet
153Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS326147NML ABC-MS326147NML Datasheet
211Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Socay Electornics Co., ...
SCML20122R2MTF SOCAY-SCML20122R2MTF Datasheet
211Kb / 5P
   Multilayer Chip Inductor
logo
ABC Taiwan Electronics ...
MH20121N2DL ABC-MH20121N2DL Datasheet
106Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Murata Manufacturing Co...
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com