Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH16085N6D2 Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # MH16085N6D2
Description  MULTILAYER CHIP INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MH16085N6D2 Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  MH16085N6D2 Datasheet HTML 1Page - ABC Taiwan Electronics Corp MH16085N6D2 Datasheet HTML 2Page - ABC Taiwan Electronics Corp MH16085N6D2 Datasheet HTML 3Page - ABC Taiwan Electronics Corp MH16085N6D2 Datasheet HTML 4Page - ABC Taiwan Electronics Corp MH16085N6D2 Datasheet HTML 5Page - ABC Taiwan Electronics Corp MH16085N6D2 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ⅵ﹒ELECTRICAL CHARACTERISITCS:
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
REF :
PAGE: 2
PROD.
NAME
1). □:Packaging Information… A:Bulk B:Taping Reel
68.0 ± 5%
MH160868NJ2□
MH160882NJ2□
MH1608R10J2□
100.0 ± 5%
82.0 ± 5%
2.7 ± 0.3
MH16082N7D2□
MH16083N3D2□
MH16083N9D2□
MH16084N7D2□
MH16085N6D2□
MH16086N8J2□
MH16088N2J2□
MH160810NJ2□
MH160812NJ2□
MH160815NJ2□
MH160818NJ2□
MH160822NJ2□
MH160827NJ2□
MH160833NJ2□
MH160839NJ2□
MH160847NJ2□
MH160856NJ2□
15.0 ± 5%
33.0 ± 5%
47.0 ± 5%
56.0 ± 5%
39.0 ± 5%
22.0 ± 5%
27.0 ± 5%
18.0 ± 5%
5.6 ± 0.3
10.0 ± 5%
12.0 ± 5%
6.8 ± 5%
8.2 ± 5%
3.9 ± 0.3
4.7 ± 0.3
3.3 ± 0.3
MH16081N2D2□
MH16081N5D2□
MH16081N8D2□
MH16081N0D2□
MH16082N2D2□
DWG No.
1.2 ± 0.3
1.8 ± 0.3
2.2 ± 0.3
1.5 ± 0.3
( nH )
1.0 ± 0.3
Inductance
0.85
100
12
12
12
100
100
1.00
0.95
300
0.10
100
100
10
12
12
10
10
10
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
0.32
0.55
0.70
0.75
0.60
0.40
0.45
0.35
0.18
0.26
0.28
0.22
0.24
0.14
0.16
0.12
300
300
300
300
min.
( GHz )
SRF
10.0
10.0
6.0
8
8
8
8
Q
min.
8
100
100
100
100
( MHz )
Test Freq.
100
L / Q
0.05
0.10
0.10
0.10
max.
( Ω )
0.05
RDC
300
300
300
300
( mA )
max.
IDC
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
MH1608□□□□2□-□□□
2)."-
":Reference code
□ □
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
12
12
12
12
12
12
12
12
10
10
10
6.0
6.0
6.0
6.0
6.0
4.0
4.0
3.5
3.4
2.6
2.3
2.0
1.6
1.4
1.2
1.1
0.9
0.9
0.7
0.6
0.6
4.0
MULTILAYER CHIP INDUCTOR
AR-001A


Similar Part No. - MH16085N6D2

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MH16085N6DL ABC-MH16085N6DL Datasheet
393Kb / 5P
   MULTILAYER CHIP INDUCTOR
More results

Similar Description - MH16085N6D2

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MS160847NML ABC-MS160847NML Datasheet
187Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0DL ABC-MH10051N0DL Datasheet
101Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS326147NML ABC-MS326147NML Datasheet
211Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Socay Electornics Co., ...
SCML20122R2MTF SOCAY-SCML20122R2MTF Datasheet
211Kb / 5P
   Multilayer Chip Inductor
logo
ABC Taiwan Electronics ...
MH16081N0DL ABC-MH16081N0DL Datasheet
393Kb / 5P
   MULTILAYER CHIP INDUCTOR
MH20121N2DL ABC-MH20121N2DL Datasheet
106Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Murata Manufacturing Co...
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com