Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH16083N9DL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # MH16083N9DL
Description  MULTILAYER CHIP INDUCTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MH16083N9DL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  MH16083N9DL Datasheet HTML 1Page - ABC Taiwan Electronics Corp MH16083N9DL Datasheet HTML 2Page - ABC Taiwan Electronics Corp MH16083N9DL Datasheet HTML 3Page - ABC Taiwan Electronics Corp MH16083N9DL Datasheet HTML 4Page - ABC Taiwan Electronics Corp MH16083N9DL Datasheet HTML 5Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REF :
PAGE: 1
SPECIFICATION FOR APPROVAL
PROD.
NAME
ABC'S DWG NO.
ABC'S ITEM NO.
MULTILAYER CHIP INDUCTOR
Ⅰ﹒
CONFIGURATION & DIMENSIONS:
a﹒Monolithic structure ensuring high performance and reliability.
GSM, PCS,DECT,WLAN,Bluetooth,etc.
a﹒RF modules for telecommunication systems including
Dip time:4±1 sec
Flux:Rosin
Solder temp.:230±5℃
Solder:H63A
b﹒Operating temp.:-55℃ ---- +125℃
a﹒Storage temp.:-55℃---- +125℃
c﹒Solderability:Preheat 150℃. 60 sec
Ⅴ﹒
GENERAL SPECIFICATION:
Ⅳ﹒
APPLICATIONS:
D
b﹒High frequency applications up to 6GHz.
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅲ﹒
FEATURES:
A
m/m
D : 0.30±0.20
C : 0.80±0.15
B : 0.80±0.15
A : 1.60±0.15
m/m
m/m
m/m
200
050
50
100
150
200
Time ( seconds )
100
150
250
70sec max.
Max time above 200℃ :70sec max.
Max time above 230℃ :50sec max.
Peak Temp:260℃ max.
Temperature
250
+4.0
/ sec max.
Rising Area
-(1.0 ~ 5.0)
/ sec max.
50sec max.
150 ~ 200
/ 60 ~ 120sec
Preheat Area
+2.0 ~ 4.0℃
/ sec max.
Reflow Area
Peak Temperature:
230
260
Forced Cooling Area
c﹒Terminal:Ag/Cu/Ni/Sn
AR-001A
MH1608□□□□L□-□□□
d﹒Remark:Products comply with RoHS' requirements


Similar Part No. - MH16083N9DL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MH16083N9D2 ABC-MH16083N9D2 Datasheet
153Kb / 6P
   MULTILAYER CHIP INDUCTOR
More results

Similar Description - MH16083N9DL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MS160847NML ABC-MS160847NML Datasheet
187Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0DL ABC-MH10051N0DL Datasheet
101Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH16081N0D2 ABC-MH16081N0D2 Datasheet
153Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS326147NML ABC-MS326147NML Datasheet
211Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Socay Electornics Co., ...
SCML20122R2MTF SOCAY-SCML20122R2MTF Datasheet
211Kb / 5P
   Multilayer Chip Inductor
logo
ABC Taiwan Electronics ...
MH20121N2DL ABC-MH20121N2DL Datasheet
106Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Murata Manufacturing Co...
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com