Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82422T1821X000 Datasheet(PDF) 7 Page - EPCOS

Part # B82422T1821X000
Description  SMT inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82422T1821X000 Datasheet(HTML) 7 Page - EPCOS

  B82422T1821X000 Datasheet HTML 1Page - EPCOS B82422T1821X000 Datasheet HTML 2Page - EPCOS B82422T1821X000 Datasheet HTML 3Page - EPCOS B82422T1821X000 Datasheet HTML 4Page - EPCOS B82422T1821X000 Datasheet HTML 5Page - EPCOS B82422T1821X000 Datasheet HTML 6Page - EPCOS B82422T1821X000 Datasheet HTML 7Page - EPCOS B82422T1821X000 Datasheet HTML 8Page - EPCOS B82422T1821X000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
06/09
Impedance |Z| versus frequency f
measured with impedance analyzer
Agilent 4291A, typical values at 20 °C
Q factor versus frequency f
measured with impedance analyzer Agilent
4194A/4291A, typical values at 20 °C
Inductance L versus DC load current IDC
measured with LCR meter Agilent 4275A,
typical values at 20 °C
Current derating Iop/IR
versus ambient temperature TA
(rated temperature TR = 85 °C)
IND0074-8
10 6
10 7
Hz
10 8
f
10 9
100 µH
100 nH
10 nH
10 µH
1 µH
10
10
10
0
1
10
10
10 2
3
Ω
5
_1
B82422T
Z
||
10 4
IND0076-9
Q
0
10 5
f
Hz
10 6
10 7
10 8
10 9
0.01 µH
10
20
30
40
50
60
70
80
90
100
0.1 µH
0.12 µH
1 µH
100 µH
10 µH
B82422T
IND0075-W
I
10
L
10
10
10
0
10
1
A
DC
10
10
0
10
1
10
µH
2
10
10
3
100 µH
10 µH
1 µH
0.1 µH
0.01 µH
B82422T
_2
_3
_2
1
_
1
_
IND0077-H-E
0
0
TA
0.2
0.4
0.6
0.8
1.0
1.2
20
40
60
80
100
140
IR
op
I
B82422T
˚C
B82422T
SMT inductors, SIMID series
SIMID 1210-T


Similar Part No. - B82422T1821X000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1821 EPCOS-B82422T1821 Datasheet
486Kb / 9P
   SMT inductors
B82422T1821-000 EPCOS-B82422T1821-000 Datasheet
486Kb / 9P
   SMT inductors
B82422T1821000 EPCOS-B82422T1821000 Datasheet
486Kb / 9P
   Flame-retardant molding
logo
TDK Electronics
B82422T1821J000 TDK-B82422T1821J000 Datasheet
144Kb / 2P
   Inductors (Coils)
B82422T1821J008 TDK-B82422T1821J008 Datasheet
144Kb / 2P
   Inductors (Coils)
More results

Similar Description - B82422T1821X000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com