Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP12035R6M2 Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # HP12035R6M2
Description  SHIELDED SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

HP12035R6M2 Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  HP12035R6M2 Datasheet HTML 1Page - ABC Taiwan Electronics Corp HP12035R6M2 Datasheet HTML 2Page - ABC Taiwan Electronics Corp HP12035R6M2 Datasheet HTML 3Page - ABC Taiwan Electronics Corp HP12035R6M2 Datasheet HTML 4Page - ABC Taiwan Electronics Corp HP12035R6M2 Datasheet HTML 5Page - ABC Taiwan Electronics Corp HP12035R6M2 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REF : 20090825-B
PAGE: 1
Ⅰ﹒MECHANICAL DIMENSIONS:
SPECIFICATION FOR APPROVAL
AR-001A
POWER INDUCTOR
NAME
PROD.
SHIELDED SMD
ABC'S ITEM No.
ABC'S DWG No.
( PCB Pattern )
m/m
m/m
E :
2.00 ± 0.5
F :
5.00
typ.
m/m
m/m
m/m
m/m
A :
13.5 ± 0.4
D :
3.50
max.
C :
4.00 ± 0.3
B :
12.5 ± 0.3
( White )
Inductance code
Marking
A
E
G
H
m/m
G :
8.00
typ.
m/m
H :
14.0
typ.
Ⅱ﹒SCHEMATIC DIAGRAM:
a﹒Core:Iron powder
b﹒Wire:Enamelled copper wire
Ⅲ﹒MATERIALS LIST:
2
1
Time ( seconds )
100
0
50
150
200
250
50
100
250
Max time above 200℃ :70sec max.
Max time above 230℃ :50sec max.
Peak Temp:260℃ max.
+4.0
/ sec max.
Temperatu re
Rising Area
50sec max.
1 50 ~ 200
/ 60 ~ 120 sec
Preheat Area
260
-(1 .0 ~ 5 .0)
/ sec max.
Forced Coo ling Area
200
/ sec max.
150
+2.0 ~ 4.0℃
70s ec max.
230
Reflow Area
Peak Temperature:
c﹒Resistance to solder heat:260℃. 10 secs.
a﹒Storage temp.:-55℃ ~ +125℃
b﹒Operating temp .:-55℃ ~ +125℃
( Temp. rise included )
Ⅳ﹒GENERAL SPECIFICATION:
d﹒Remark:Products comply with RoHS'
requirements
c﹒Cilp:Cu / Ni /Sn
HP1203□□□□2□-□□□
a
b
c


Similar Part No. - HP12035R6M2

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
HP120412 BELDEN-HP120412 Datasheet
141Kb / 2P
   Inst, 4 Pr #12 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC SUN RES
03-02-2023
HP1204120102500 BELDEN-HP1204120102500 Datasheet
141Kb / 2P
   Inst, 4 Pr #12 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC SUN RES
03-02-2023
logo
ABC Taiwan Electronics ...
HP1205100M2 ABC-HP1205100M2 Datasheet
116Kb / 6P
   SHIELDED SMD POWER INDUCTOR
HP12051R0M2 ABC-HP12051R0M2 Datasheet
116Kb / 6P
   SHIELDED SMD POWER INDUCTOR
HP12051R5M2 ABC-HP12051R5M2 Datasheet
116Kb / 6P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - HP12035R6M2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com