Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU1608301YL Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # MU1608301YL
Description  MULTILAYER CHIP BEAD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MU1608301YL Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  MU1608301YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp MU1608301YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp MU1608301YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp MU1608301YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp MU1608301YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp MU1608301YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp MU1608301YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MULTILAYER CHIP BEAD
2) ."-
":Reference code
DWG No.
Ⅴ﹒ELECTRICAL CHARACTERISITCS:
MU3261601YL□
MU3261301YL□
MG3261301YL□
MG3261151YL□
MU3261202YL□
MZ3261202YL□
MU3261122YL□
MZ3261122YL□
MZ3261601YL□
1). □:Packaging Information… A:Bulk B:Taping Reel
AR-001A
NAME
PROD.
REF :
M□□□□□□□□□L□-□□□
IDC
max.
(mA)
300
200
300
300
100
100
100
100
200
-□□□
600±25%
0.30
2000±25% (at 30MHz)
2000±25% (at 30MHz)
1200±25% (at 50MHz)
1200±25% (at 50MHz)
-□□□
-□□□
-□□□
-□□□
0.60
0.50
0.60
0.50
SPECIFICATION FOR APPROVAL
ABC'S DWG NO.
ABC'S ITEM NO.
-□□□
-□□□
-□□□
-□□□
150±25%
600±25%
300±25%
300±25%
(Ω)
at 100MHz
Impedance
0.30
0.30
0.30
0.30
(Ω)
max.
RDC
PAGE: 2-3
MZ3261151YL□
MG3261301YL□
MU3261301YL□
MU3261122YL□
MZ3261202YL□
MU3261202YL□
MU3261601YL□
MZ3261601YL□
MZ3261122YL□


Similar Part No. - MU1608301YL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MU1608-151Y BOURNS-MU1608-151Y Datasheet
934Kb / 8P
   High Impedance Chip Ferrite Beads
MU1608-151Y BOURNS-MU1608-151Y Datasheet
1Mb / 9P
   High Impedance Chip Ferrite Beads
MU1608-151Y BOURNS-MU1608-151Y Datasheet
645Kb / 7P
   High Impedance Chip Ferrite Beads
MU1608-221Y BOURNS-MU1608-221Y Datasheet
934Kb / 8P
   High Impedance Chip Ferrite Beads
MU1608-221Y BOURNS-MU1608-221Y Datasheet
1Mb / 9P
   High Impedance Chip Ferrite Beads
More results

Similar Description - MU1608301YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MU1005300YL ABC-MU1005300YL Datasheet
117Kb / 6P
   MULTILAYER CHIP BEAD
logo
AiT Semiconductor Inc.
FBP AITSEMI-FBP Datasheet
197Kb / 4P
   MULTILAYER CHIP BEAD
logo
ABC Taiwan Electronics ...
SM4532 ABC-SM4532 Datasheet
217Kb / 6P
   MULTILAYER CHIP BEAD
logo
Bourns Electronic Solut...
CI160808_MDS BOURNS-CI160808_MDS Datasheet
301Kb / 1P
   Multilayer Chip Bead
logo
AiT Semiconductor Inc.
FBA AITSEMI-FBA Datasheet
167Kb / 3P
   MULTILAYER CHIP BEAD
logo
Abracon Corporation
ACBA-0805 ABRACON-ACBA-0805 Datasheet
1Mb / 3P
   Multilayer Chip Bead Array
09.26.12
ACBA-1206 ABRACON-ACBA-1206 Datasheet
266Kb / 2P
   MULTILAYER CHIP BEAD ARRAY
08.07.07
ACML-0402 ABRACON-ACML-0402 Datasheet
2Mb / 3P
   MULTILAYER FERRITE CHIP BEAD
01.03.13
ACML-0603 ABRACON-ACML-0603 Datasheet
2Mb / 4P
   MULTILAYER FERRITE CHIP BEAD
01.19.14
logo
Caliber Electronics Inc...
BF-NB100505 CALIBER-BF-NB100505 Datasheet
28Kb / 1P
   Multilayer Ferrite Chip Bead
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com