Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82412A3821M000 Datasheet(PDF) 6 Page - EPCOS

Part # B82412A3821M000
Description  SMT inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82412A3821M000 Datasheet(HTML) 6 Page - EPCOS

  B82412A3821M000 Datasheet HTML 1Page - EPCOS B82412A3821M000 Datasheet HTML 2Page - EPCOS B82412A3821M000 Datasheet HTML 3Page - EPCOS B82412A3821M000 Datasheet HTML 4Page - EPCOS B82412A3821M000 Datasheet HTML 5Page - EPCOS B82412A3821M000 Datasheet HTML 6Page - EPCOS B82412A3821M000 Datasheet HTML 7Page - EPCOS B82412A3821M000 Datasheet HTML 8Page - EPCOS B82412A3821M000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Closer tolerances and special versions on request.
1) Replace the + by the code letter for the required inductance tolerance.
For reel size
∅ 330 mm the last digit has to be an »8«. Example: B82412A1102M008
LR
µH
Tolerance
fL
MHz
Qmin
fQ
MHz
IR
mA
Rmax
fres,min
MHz
Ordering code1)
(
∅ 180-mm reel)
Core material: ferrite
1.0
±5% J
±10% K
1
30
7.96
330
0.45
300
B82412A1102+000
1.2
1
30
7.96
310
0.50
260
B82412A1122+000
1.5
1
30
7.96
300
0.55
240
B82412A1152+000
1.8
1
30
7.96
290
0.60
220
B82412A1182+000
2.2
1
30
7.96
270
0.65
200
B82412A1222+000
2.7
1
30
7.96
220
1.05
180
B82412A1272+000
3.3
1
30
7.96
200
1.10
160
B82412A1332+000
3.9
1
30
7.96
190
1.35
150
B82412A1392+000
4.7
1
35
7.96
160
1.80
140
B82412A1472+000
5.6
1
35
7.96
140
2.70
125
B82412A1562+000
6.8
1
35
7.96
120
3.50
115
B82412A1682+000
8.2
1
35
7.96
110
3.80
100
B82412A1822+000
10
1
35
7.96
90
5.50
95
B82412A1103+000
^
^
B82412A
SMT inductors, SIMID series
SIMID 1210-01


Similar Part No. - B82412A3821M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82412-A1102-++ EPCOS-B82412-A1102-+ Datasheet
107Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA
B82412-A1103-++ EPCOS-B82412-A1103-+ Datasheet
107Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA
B82412-A1122-++ EPCOS-B82412-A1122-+ Datasheet
107Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA
B82412-A1152-++ EPCOS-B82412-A1152-+ Datasheet
107Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA
B82412-A1182-++ EPCOS-B82412-A1182-+ Datasheet
107Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA
More results

Similar Description - B82412A3821M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com