Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP0602R82M2 Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # HP0602R82M2
Description  SHIELDED SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

HP0602R82M2 Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  HP0602R82M2 Datasheet HTML 1Page - ABC Taiwan Electronics Corp HP0602R82M2 Datasheet HTML 2Page - ABC Taiwan Electronics Corp HP0602R82M2 Datasheet HTML 3Page - ABC Taiwan Electronics Corp HP0602R82M2 Datasheet HTML 4Page - ABC Taiwan Electronics Corp HP0602R82M2 Datasheet HTML 5Page - ABC Taiwan Electronics Corp HP0602R82M2 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPECIFICATION FOR APPROVAL
AR-001A
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
REF : 20090825-B
PAGE: 2
ABC'S DWG No.
ABC'S ITEM No.
PROD.
NAME
POWER INDUCTOR
SHIELDED SMD
0.10 ± 20 %
Inductance
DWG No.
L ( μH )
50.0
RDC
( mΩ )
2.0
max.
30.0
4). Isat base on inductance drop 20% typ. of L value at 20℃
3). Measured frequency of inductance is 100 KHz / 0.25V
5). Irms base on temp. rise 40
typ.
HP0602R10M2□-□□□
typ.
1). □:Packaging information … A:Bulk
B:Taping Reel
2). "-
":Reference code
□ □
0.22 ± 20 %
34.0
3.5
21.0
HP0602R22M2□-□□□
0.33 ± 20 %
22.0
4.5
18.0
HP0602R33M2□-□□□
0.47 ± 20 %
21.0
6.5
13.0
HP0602R47M2□-□□□
0.68 ± 20 %
18.0
9.5
11.0
HP0602R68M2□-□□□
0.82 ± 20 %
17.0
12.0
10.0
HP0602R82M2□-□□□
1.00 ± 20 %
16.0
14.5
9.0
HP06021R0M2□-□□□
1.50 ± 20 %
15.0
21.5
7.0
HP06021R5M2□-□□□
2.20 ± 20 %
14.0
34.0
6.0
HP06022R2M2□-□□□
3.30 ± 20 %
13.0
52.0
5.0
HP06023R3M2□-□□□
4.70 ± 20 %
10.0
63.0
4.0
HP06024R7M2□-□□□
1.5
3.0
4.0
6.0
9.0
11.0
13.5
18.5
28.0
36.5
45.5
6.80 ± 20 %
9.0
95.0
3.5
HP06026R8M2□-□□□
8.20 ± 20 %
8.0
106.0
3.0
HP06028R2M2□-□□□
10.0 ± 20 %
7.0
129.0
2.5
HP0602100M2□-□□□
72.5
84.5
116.0
Isat(A)
typ.
Irms(A)
typ.
HP0602□□□□2□-□□□


Similar Part No. - HP0602R82M2

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP06011R0M2 ABC-HP06011R0M2 Datasheet
109Kb / 6P
   SHIELDED SMD POWER INDUCTOR
HP06011R5M2 ABC-HP06011R5M2 Datasheet
109Kb / 6P
   SHIELDED SMD POWER INDUCTOR
HP06012R2M2 ABC-HP06012R2M2 Datasheet
109Kb / 6P
   SHIELDED SMD POWER INDUCTOR
HP06012R7M2 ABC-HP06012R7M2 Datasheet
109Kb / 6P
   SHIELDED SMD POWER INDUCTOR
HP06013R3M2 ABC-HP06013R3M2 Datasheet
109Kb / 6P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - HP0602R82M2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com