Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82144B1565J000 Datasheet(PDF) 2 Page - EPCOS

Part # B82144B1565J000
Description  Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82144B1565J000 Datasheet(HTML) 2 Page - EPCOS

  B82144B1565J000 Datasheet HTML 1Page - EPCOS B82144B1565J000 Datasheet HTML 2Page - EPCOS B82144B1565J000 Datasheet HTML 3Page - EPCOS B82144B1565J000 Datasheet HTML 4Page - EPCOS B82144B1565J000 Datasheet HTML 5Page - EPCOS B82144B1565J000 Datasheet HTML 6Page - EPCOS B82144B1565J000 Datasheet HTML 7Page - EPCOS B82144B1565J000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
LBC choke, radial leaded
Rated inductance 1
µH to 100 000 µH
Rated current 20 mA to 2500 mA
Construction
Large ferrite drum core
Winding: enamel copper wire
Flame-retardant lacquer coating
Non laquered lead wire
Features
Very wide inductance range
High rated current
Axial leads on request (B82144F)
Suitable for wave soldering
RoHS-compatible
Applications
RF blocking and filtering
Decoupling and interference suppression
For telecommunications, automotive electronics,
energy-saving lamps, entertainment electronics
Terminals
Radially bent to 5 mm lead spacing
Base material CuAg0.1
Hot-dipped with pure tin
Marking
Inductance indicated by color bands to IEC 60062
Delivery mode and packing unit
Taped, reel packing
Packing units:
Ammo
(pcs./pack.)
Reel
(pcs./reel)
B82144B (radial)
1000
B82144F (axial)
1200
1500
B82144B
RF chokes
LBC series, 6.5
× 9.2 (mm)


Similar Part No. - B82144B1565J000

ManufacturerPart #DatasheetDescription
logo
International Rectifier
B82144B1225J000 IRF-B82144B1225J000 Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
More results

Similar Description - B82144B1565J000

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJEA3R3KF PANASONIC-ELJEA3R3KF Datasheet
79Kb / 2P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com