Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82432T1822K000 Datasheet(PDF) 5 Page - EPCOS

Part # B82432T1822K000
Description  SMT inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82432T1822K000 Datasheet(HTML) 5 Page - EPCOS

  B82432T1822K000 Datasheet HTML 1Page - EPCOS B82432T1822K000 Datasheet HTML 2Page - EPCOS B82432T1822K000 Datasheet HTML 3Page - EPCOS B82432T1822K000 Datasheet HTML 4Page - EPCOS B82432T1822K000 Datasheet HTML 5Page - EPCOS B82432T1822K000 Datasheet HTML 6Page - EPCOS B82432T1822K000 Datasheet HTML 7Page - EPCOS B82432T1822K000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Closer tolerances on request.
Higher currents possible at temperatures <TR on request.
Sample kit available. Ordering code: B82432X001
For more information refer to chapter “Sample kits”.
1) For Ni-barrier-plated terminals replace the last two digits of ordering code “00” by “50”.
LR
µH
Tolerance
Qmin
fL; fQ
MHz
IR
mA
Rmax
fres,min
MHz
Ordering code1)
10
± 10 % K
10
2.52
650
0.35
25
B82432T1103K000
12
10
2.52
630
0.45
23
B82432T1123K000
15
10
2.52
600
0.50
20
B82432T1153K000
18
10
2.52
550
0.60
18
B82432T1183K000
22
10
2.52
450
0.70
15
B82432T1223K000
27
10
2.52
430
1.00
14
B82432T1273K000
33
10
2.52
400
1.20
13
B82432T1333K000
39
10
2.52
380
1.30
12
B82432T1393K000
47
10
2.52
350
1.35
11
B82432T1473K000
56
10
2.52
300
2.00
10
B82432T1563K000
68
10
2.52
250
2.50
8.0
B82432T1683K000
82
10
2.52
220
3.00
7.0
B82432T1823K000
100
20
0.796
200
3.50
6.5
B82432T1104K000
120
20
0.796
180
4.50
6.3
B82432T1124K000
150
20
0.796
160
6.00
6.1
B82432T1154K000
180
20
0.796
140
7.00
5.5
B82432T1184K000
220
20
0.796
130
7.50
4.5
B82432T1224K000
270
20
0.796
120
10.5
4.3
B82432T1274K000
330
20
0.796
120
11.0
4.1
B82432T1334K000
390
20
0.796
110
13.0
3.9
B82432T1394K000
470
20
0.796
100
15.0
3.5
B82432T1474K000
560
20
0.796
90
20.0
3.0
B82432T1564K000
680
20
0.796
80
23.0
2.6
B82432T1684K000
820
20
0.796
80
27.0
2.4
B82432T1824K000
1000
20
0.252
70
30.0
2.3
B82432T1105K000
^
B82432T
SMT inductors, SIMID series
SIMID 1812-T


Similar Part No. - B82432T1822K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82432T1822K000 EPCOS-B82432T1822K000 Datasheet
476Kb / 8P
   SMT inductors SIMID series, SIMID 1812-T Upright ferrite drum core
B82432T1822K000 EPCOS-B82432T1822K000 Datasheet
150Kb / 8P
   SMT inductors
B82432T1822K000 EPCOS-B82432T1822K000 Datasheet
476Kb / 8P
   Dimensional drawing and layout recommendation
More results

Similar Description - B82432T1822K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com