Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GA3382 Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # GA3382
Description  Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

GA3382 Datasheet(HTML) 2 Page - Coilcraft lnc.

  GA3382 Datasheet HTML 1Page - Coilcraft lnc. GA3382 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2008
Specifications subject to change without notice.
Please check our website for latest information.
Document 690-2
Document 690-2
Revised 09/05/08
Power Inductor – GA3382-BL
Irms Derating
Inductance vs Current
0.1
1
10
100
0.1
1
100
10
Current (A)
0.910
23,11
1.020
25,90
0.791
20,10
max
max
0.395
20,03
max
1
1
1
5
5
10
10
6
6
0.004 / 0,10
0.148
3,76
0.090
2,29
0.148
3,76
0.060
1,52
0.039
1,00
1.040
26,42
Recommended
Land Pattern
Dimensions are in
inches
mm
-40
-20
0
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Inductance vs Frequency
0.1
0
10
100
0.1
1
100
10
Frequency (MHz)


Similar Part No. - GA3382

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
GA3366-BL COILCRAFT-GA3366-BL Datasheet
146Kb / 1P
   Flyback Transformer
GA3366-BL COILCRAFT-GA3366-BL Datasheet
124Kb / 1P
   Flyback Transformer
GA3366 COILCRAFT-GA3366_13 Datasheet
124Kb / 1P
   Flyback Transformer
GA3372-AL COILCRAFT-GA3372-AL Datasheet
165Kb / 1P
   Flyback Transformer
GA3372-ALB COILCRAFT-GA3372-ALB Datasheet
139Kb / 1P
   Flyback Transformer
More results

Similar Description - GA3382

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com