Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82111B0000C016 Datasheet(PDF) 5 Page - EPCOS

Part # B82111B0000C016
Description  Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82111B0000C016 Datasheet(HTML) 5 Page - EPCOS

  B82111B0000C016 Datasheet HTML 1Page - EPCOS B82111B0000C016 Datasheet HTML 2Page - EPCOS B82111B0000C016 Datasheet HTML 3Page - EPCOS B82111B0000C016 Datasheet HTML 4Page - EPCOS B82111B0000C016 Datasheet HTML 5Page - EPCOS B82111B0000C016 Datasheet HTML 6Page - EPCOS B82111B0000C016 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
03/08
Impedance |Z| versus frequency f
measured with impedance analyzer Agilent
4294A or S-parameter network analyzer
Agilent 8753ES, typical values at 20 °C
B82111B0000C021…C024
Current derating Iop/IR
versus ambient temperature TA
(rated temperature TR = 60 °C)
IND0156-R
10
f
7
Hz
Z
||
2
10
8
10
9
10
C024
10 3
10 4
10 5
10 6
B82111B
C023
C022
C021
IND0143-T-E
0
0
T
A
20
40
60
80
100
140
0.2
0.4
0.6
0.8
1.0
1.2
IR
op
I
C
˚
B82111B
VHF chokes


Similar Part No. - B82111B0000C016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82111B0000C016 EPCOS-B82111B0000C016 Datasheet
112Kb / 6P
   Chokes and inductors
B82111B0000C016 EPCOS-B82111B0000C016 Datasheet
110Kb / 7P
   Inductors VHF chokes
B82111B0000C016 EPCOS-B82111B0000C016 Datasheet
519Kb / 7P
   Inductors
logo
TDK Electronics
B82111B0000C016 TDK-B82111B0000C016 Datasheet
531Kb / 7P
   VHF chokes
More results

Similar Description - B82111B0000C016

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJEA3R3KF PANASONIC-ELJEA3R3KF Datasheet
79Kb / 2P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com