Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB-4920LG Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # SPB-4920LG
Description  1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber SMLC SFP Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-4920LG Datasheet(HTML) 2 Page - Optoway Technology Inc

  SPB-4920LG Datasheet HTML 1Page - Optoway Technology Inc SPB-4920LG Datasheet HTML 2Page - Optoway Technology Inc SPB-4920LG Datasheet HTML 3Page - Optoway Technology Inc SPB-4920LG Datasheet HTML 4Page - Optoway Technology Inc SPB-4920LG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Optoway
SPB-4920LWG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1
/1/2009
V2.0
2
Transmitter Optical Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Average Launch Power
Po, Avg
-2
2
dBm
1
Output Center Wavelength
λc
1320
1330
1340
nm
Output Spectrum Width
σλ
1
nm
-20 dB width
Side Mode Suppression Ratio
SMSR
30
dB
Relative Intensity Noise
RIN
-128
dB/Hz
Average Launch Power of OFF
Transmitter
-30
dBm
1. Output power is power coupled into a 9/125
µm single-mode fiber.
Receiver Optical Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Sensitivity at 8.5 Gb/s
-14
dBm
2, Average Power
Receiver Overload
PMAX
0.5
---
dBm
LOS -- Deasserted
LOSD
---
---
-18
dBm
Transition: low to high
LOS -- Asserted
LOSA
-30
---
---
dBm
Transition: high to low
Wavelength of Operation
λc
1260
1280
nm
3
2. Measured with average power; BER < 10
-12 and PRBS 27-1.
3. At least 30 dB optical isolation for the wavelength 1320 to 1340 nm.
Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Notes
High-Speed Signal (CML) Interface Specification
Input Data Rate
1
8.5
Gb/s
Differential Input Impedance
Rin
100
Ω
Differential Data Input Amplitude
150
1000
mVpp
Internally AC coupled
Output Data Rate
1
8.5
Gb/s
Differential Output Impedance
Rout
100
Ω
Differential Data Output
Amplitude
350
600
700
mVpp
Internally AC coupled
Low-Speed Signal (LVTTL) Interface Specification
Input High Voltage
2.0
Vcc+0.3
V
Input Low Voltage
GND
0.8
V
Output High Voltage
2.4
Vcc
V
Output Low Voltage
GND
0.5
V


Similar Part No. - SPB-4920LG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-4920LWG OPTOWAY-SPB-4920LWG Datasheet
170Kb / 5P
   1330 nm TX / 1270 nm RX , 8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
SPB-4920LWG OPTOWAY-SPB-4920LWG_15 Datasheet
170Kb / 5P
   8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
SPB-4920LWG_2015 OPTOWAY-SPB-4920LWG_2015 Datasheet
170Kb / 5P
   1270 nm RX , 8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
More results

Similar Description - SPB-4920LG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-4910LG OPTOWAY-SPB-4910LG Datasheet
170Kb / 5P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber SMLC SFP Transceiver
SPB-4810LG OPTOWAY-SPB-4810LG Datasheet
168Kb / 5P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber SMLC SFP Transceiver
SPB-4840LG OPTOWAY-SPB-4840LG Datasheet
168Kb / 5P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber SMLC SFP Transceiver
SPB-4820LG OPTOWAY-SPB-4820LG Datasheet
168Kb / 5P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber SMLC SFP Transceiver
SPB-4940LG OPTOWAY-SPB-4940LG Datasheet
170Kb / 5P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber SMLC SFP Transceiver
SPB-2940LG OPTOWAY-SPB-2940LG Datasheet
169Kb / 5P
   1330 nm TX / 1270 nm RX , 10.3 Gbps 1-Fiber SMLC SFP Transceiver
SPB-4810LWG OPTOWAY-SPB-4810LWG Datasheet
169Kb / 5P
   1270 nm TX / 1330 nm RX , 8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
SPB-4910LWG OPTOWAY-SPB-4910LWG Datasheet
170Kb / 5P
   1330 nm TX / 1270 nm RX , 8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
SPB-4940LWG OPTOWAY-SPB-4940LWG Datasheet
170Kb / 5P
   1330 nm TX / 1270 nm RX , 8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
SPB-4840LWG OPTOWAY-SPB-4840LWG Datasheet
168Kb / 5P
   1270 nm TX / 1330 nm RX , 8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com