Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2520R22J3 Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # CM2520R22J3
Description  WOUND CHIP INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CM2520R22J3 Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  CM2520R22J3 Datasheet HTML 1Page - ABC Taiwan Electronics Corp CM2520R22J3 Datasheet HTML 2Page - ABC Taiwan Electronics Corp CM2520R22J3 Datasheet HTML 3Page - ABC Taiwan Electronics Corp CM2520R22J3 Datasheet HTML 4Page - ABC Taiwan Electronics Corp CM2520R22J3 Datasheet HTML 5Page - ABC Taiwan Electronics Corp CM2520R22J3 Datasheet HTML 6Page - ABC Taiwan Electronics Corp CM2520R22J3 Datasheet HTML 7Page - ABC Taiwan Electronics Corp CM2520R22J3 Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AR-001A
NAME
PROD.
REF :
130
130
94V-0
130
3.1
BK
__________________
Reports: January 19, 1988: January 19, 1988: January 19, 1988: June 2, 1988;
June 2, 1998; June 2, 1988.
R
CM2520□□□□3□-□□□
ABC'S ITEM NO.
ABC'S DWG NO.
March 4, 1994
OMFZ2
ALL
BM-22
EME-1200
EME-5961C
EME-1100
BM-23
BK
BK
BK
ALL
BK
BK
BM-21
ALL
94HB
50
0.79
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
0.3
6.4
0.84
0.79
0.84
6.4
130
130
130
50
130
130
94HB
0.79
50
WOUND CHIP INDUCTOR
50
50
130
130
130
50
130
130
130
130
130
50
130
130
50
50
E59481 (S)
SPECIFICATION FOR APPROVAL
PAGE: 8
20080718-A


Similar Part No. - CM2520R22J3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM252016-100K BOURNS-CM252016-100K Datasheet
419Kb / 7P
   SMT Chip Inductors
CM252016-100KL BOURNS-CM252016-100KL Datasheet
372Kb / 9P
   High resistance to heat and humidity
CM252016-100KL BOURNS-CM252016-100KL Datasheet
305Kb / 7P
   High resistance to heat and humidity
CM252016-101K BOURNS-CM252016-101K Datasheet
419Kb / 7P
   SMT Chip Inductors
CM252016-101KL BOURNS-CM252016-101KL Datasheet
305Kb / 7P
   High resistance to heat and humidity
More results

Similar Description - CM2520R22J3

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com