Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72590D0150A060 Datasheet(PDF) 11 Page - EPCOS

Part # B72590D0150A060
Description  CeraDiodes
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72590D0150A060 Datasheet(HTML) 11 Page - EPCOS

Back Button B72590D0150A060 Datasheet HTML 7Page - EPCOS B72590D0150A060 Datasheet HTML 8Page - EPCOS B72590D0150A060 Datasheet HTML 9Page - EPCOS B72590D0150A060 Datasheet HTML 10Page - EPCOS B72590D0150A060 Datasheet HTML 11Page - EPCOS B72590D0150A060 Datasheet HTML 12Page - EPCOS B72590D0150A060 Datasheet HTML 13Page - EPCOS B72590D0150A060 Datasheet HTML 14Page - EPCOS B72590D0150A060 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
1.3
Reel packing
Dimensions in mm
Dimensions
Tolerance
Dimensions
Tolerance
Reel diameter
A
180
+0/ –3
330
±2
Reel width (inside)
W1
8.4
+1.5/ –0
8.4
+1.5/ –0
Reel width (outside)
W2
14.4
max.
14.4
max.
Package: 8-mm tape
Reel material: Plastic
1.4
Packing units
Case size
(inch) / (mm)
∅ 180-mm reel
pieces
∅ 330-mm reel
pieces
Tape
0201 / 0603
15000
-
cardboard
0402 / 1005
10000
50000
cardboard
0603 / 1608
4000
16000
cardboard
1003 / 2508
4000
16000
cardboard
0506 / 1216
3000
12000
blister
0508 / 1220
4000
16000
cardboard
0612 / 1632
3000
12000
blister
1012 / 2532
2000
8000
blister
CeraDiodes
Standard series
Page 11 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72590D0150A060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72590D0150A060 EPCOS-B72590D0150A060 Datasheet
519Kb / 23P
   CeraDiodes
B72590D0150A060 EPCOS-B72590D0150A060 Datasheet
510Kb / 22P
   CeraDiodes
B72590D0150A060 EPCOS-B72590D0150A060 Datasheet
510Kb / 22P
   Bidirectional ESD protection in one component
More results

Similar Description - B72590D0150A060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72500D50A60 EPCOS-B72500D50A60 Datasheet
519Kb / 23P
   CeraDiodes
B72714D0200A060 EPCOS-B72714D0200A060_12 Datasheet
510Kb / 22P
   CeraDiodes
B72724D160H62 EPCOS-B72724D160H62 Datasheet
567Kb / 22P
   CeraDiodes
B72755D0050H062 EPCOS-B72755D0050H062 Datasheet
562Kb / 22P
   CeraDiodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com