Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72440D0050A060 Datasheet(PDF) 3 Page - EPCOS

Part # B72440D0050A060
Description  CeraDiodes
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72440D0050A060 Datasheet(HTML) 3 Page - EPCOS

  B72440D0050A060 Datasheet HTML 1Page - EPCOS B72440D0050A060 Datasheet HTML 2Page - EPCOS B72440D0050A060 Datasheet HTML 3Page - EPCOS B72440D0050A060 Datasheet HTML 4Page - EPCOS B72440D0050A060 Datasheet HTML 5Page - EPCOS B72440D0050A060 Datasheet HTML 6Page - EPCOS B72440D0050A060 Datasheet HTML 7Page - EPCOS B72440D0050A060 Datasheet HTML 8Page - EPCOS B72440D0050A060 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1) Ctyp measured at V = 1 V, f = 1 kHz.
Electrical specifications and ordering codes
Maximum ratings (Top,max = 85
°C) and characteristics (T
A = 25
°C)
Type
Ordering code
VDC,max
V
VBR,min
(1 mA)
V
Vclamp,max
(1 A)
V
IPP
(8/20 µs)
A
PPP
(8/20 µs)
W
Ctyp
(1 MHz, 1 V)
pF
Array, 4-fold, 0508, no semiconductor diode equivalent
CDA4C20GTA
B72714D0200A060 22
24
60
10
600
33
Array, 4-fold, 0612, no semiconductor diode equivalent
CDA5C20GTA
B72724D0200A062 22
25
50
30
2200
56
Single, 0201, no semiconductor diode equivalent
CDS1C05GTA
B72440D0050A060
5.6
12
35
-
-
22
Single, 0402, SOD-723
CDS2C05GTA
B72590D0050A060
5.6
6.4
24
10
320
1801)
CDS2C15GTA
B72590D0150A060 15
20
46
10
670
47
Single, 0603, SOD-523
CDS3C05GTA
B72500D0050A060
5.6
6.4
19
30
1000
4701)
CDS3C09GTA
B72500D0090A060
9
10
30
30
1600
2201)
CDS3C15GTA
B72500D0150A060 15
22
42
30
2000
1601)
CDS3C20GTA
B72500D0200A060 22
25
50
30
2200
56
Single, 1003, SOD-323
CDS4C12GTA
B72570D0120A060 12
16
46
20
1000
82
Typical characteristics
CeraDiodes
Standard series
Page 3 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72440D0050A060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72440D0050A060 EPCOS-B72440D0050A060 Datasheet
519Kb / 23P
   CeraDiodes
B72440D0050A060 EPCOS-B72440D0050A060 Datasheet
510Kb / 22P
   CeraDiodes
B72440D0050A060 EPCOS-B72440D0050A060 Datasheet
510Kb / 22P
   Bidirectional ESD protection in one component
More results

Similar Description - B72440D0050A060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72500D50A60 EPCOS-B72500D50A60 Datasheet
519Kb / 23P
   CeraDiodes
B72714D0200A060 EPCOS-B72714D0200A060_12 Datasheet
510Kb / 22P
   CeraDiodes
B72724D160H62 EPCOS-B72724D160H62 Datasheet
567Kb / 22P
   CeraDiodes
B72755D0050H062 EPCOS-B72755D0050H062 Datasheet
562Kb / 22P
   CeraDiodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com