Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43501A0107M007 Datasheet(PDF) 9 Page - EPCOS

Part # B43501A0107M007
Description  Aluminum electrolytic capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43501A0107M007 Datasheet(HTML) 9 Page - EPCOS

Back Button B43501A0107M007 Datasheet HTML 5Page - EPCOS B43501A0107M007 Datasheet HTML 6Page - EPCOS B43501A0107M007 Datasheet HTML 7Page - EPCOS B43501A0107M007 Datasheet HTML 8Page - EPCOS B43501A0107M007 Datasheet HTML 9Page - EPCOS B43501A0107M007 Datasheet HTML 10Page - EPCOS B43501A0107M007 Datasheet HTML 11Page - EPCOS B43501A0107M007 Datasheet HTML 12Page - EPCOS B43501A0107M007 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
1) 120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R1)
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 160 V DC
220
22
× 25
530
910
730
2.15
1.10
B43501A1227M0*#
330
22
× 30
350
610
490
2.80
1.43
B43501A1337M0*#
470
22
× 35
250
430
340
3.54
1.81
B43501A1477M0*#
680
25
× 35
170
300
240
4.70
2.40
B43501A1687M0*#
1000
30
× 35
120
200
160
6.11
3.12
B43501A1108M0*#
1500
30
× 45
75
140
110
8.23
4.20
B43501A1158M0*#
2200
35
× 50
55
90
75
11.3
5.81
B43501A1228M0*#
VR = 200 V DC
220
22
× 25
450
730
580
2.15
1.10
B43501E2227M0*#
330
22
× 30
300
490
390
2.80
1.43
B43501E2337M0*#
330
25
× 25
300
490
390
2.94
1.50
B43501F2337M0*#
470
22
× 35
210
340
280
3.54
1.81
B43501E2477M0*#
470
25
× 30
210
340
280
3.62
1.85
B43501F2477M0*#
470
30
× 25
210
340
280
3.74
1.91
B43501G2477M0*#
680
25
× 35
150
240
190
4.62
2.36
B43501F2687M0*#
680
30
× 30
150
240
190
4.78
2.44
B43501G2687M0*#
1000
25
× 50
100
160
130
6.03
3.08
B43501E2108M0*#
1000
30
× 35
100
160
130
5.74
2.93
B43501F2108M0*#
1000
35
× 30
100
160
130
6.03
3.08
B43501G2108M0*#
1200
25
× 55
85
140
110
6.87
3.51
B43501E2128M0*#
1200
30
× 40
85
140
110
6.60
3.37
B43501F2128M0*#
1500
30
× 50
65
110
90
8.01
4.09
B43501E2158M0*#
1500
35
× 40
65
110
90
8.15
4.16
B43501F2158M0*#
1800
30
× 55
55
90
75
9.11
4.65
B43501E2188M0*#
1800
35
× 45
55
90
75
9.31
4.75
B43501F2188M0*#
2200
35
× 50
45
75
60
10.7
5.46
B43501E2228M0*#
B43501
Long useful life
85
°C
Page 9 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43501A0107M007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43501A0107M007 EPCOS-B43501A0107M007 Datasheet
292Kb / 11P
   Snap-In Capacitors Long Useful Life - 85
More results

Similar Description - B43501A0107M007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com