Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43508A2337M082 Datasheet(PDF) 9 Page - EPCOS

Part # B43508A2337M082
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43508A2337M082 Datasheet(HTML) 9 Page - EPCOS

Back Button B43508A2337M082 Datasheet HTML 5Page - EPCOS B43508A2337M082 Datasheet HTML 6Page - EPCOS B43508A2337M082 Datasheet HTML 7Page - EPCOS B43508A2337M082 Datasheet HTML 8Page - EPCOS B43508A2337M082 Datasheet HTML 9Page - EPCOS B43508A2337M082 Datasheet HTML 10Page - EPCOS B43508A2337M082 Datasheet HTML 11Page - EPCOS B43508A2337M082 Datasheet HTML 12Page - EPCOS B43508A2337M082 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1) 120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R1)
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 200 V DC
330
22
× 25
350
480
2.85
2.13
1.05
B43508A2337M0*#
390
22
× 30
300
400
3.23
2.42
1.19
B43508A2397M0*#
390
25
× 25
300
400
3.19
2.39
1.18
B43508B2397M0*#
470
22
× 35
250
340
3.68
2.75
1.36
B43508A2477M0*#
470
25
× 30
250
340
3.65
2.73
1.35
B43508B2477M0*#
560
22
× 35
210
280
4.02
3.00
1.48
B43508A2567M0*#
560
25
× 30
210
280
3.99
2.98
1.47
B43508B2567M0*#
680
22
× 40
170
230
4.56
3.41
1.69
B43508A2687M0*#
680
25
× 35
170
230
4.55
3.40
1.68
B43508B2687M0*#
680
30
× 25
170
230
4.02
3.00
1.48
B43508C2687M0*#
820
22
× 50
140
200
5.28
3.95
1.95
B43508A2827M0*#
820
25
× 40
140
200
5.16
3.86
1.91
B43508B2827M0*#
820
30
× 30
140
200
4.60
3.44
1.70
B43508C2827M0*#
820
35
× 25
140
200
3.91
2.92
1.44
B43508D2827M0*#
1000
25
× 45
120
160
5.85
4.38
2.16
B43508A2108M0*#
1000
30
× 35
120
160
5.26
3.93
1.95
B43508B2108M0*#
1000
35
× 30
120
160
4.79
3.58
1.77
B43508C2108M0*#
1200
25
× 50
100
130
6.57
4.92
2.43
B43508A2128M0*#
1200
30
× 40
100
130
6.33
4.74
2.34
B43508B2128M0*#
1200
35
× 30
100
130
5.24
3.92
1.94
B43508C2128M0*#
1500
30
× 45
75
110
7.28
5.44
2.69
B43508A2158M0*#
1500
35
× 35
75
110
6.07
4.54
2.25
B43508B2158M0*#
1800
30
× 50
65
90
8.18
6.12
3.02
B43508A2188M0*#
1800
35
× 40
65
90
6.86
5.13
2.54
B43508B2188M0*#
2200
35
× 45
55
75
7.80
5.84
2.89
B43508A2228M0*#
2700
35
× 55
45
60
9.07
6.78
3.36
B43508A2278M0*#
B43508
Ultra compact
105
°C
Page 9 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43508A2337M082

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43508A2337M000 EPCOS-B43508A2337M000 Datasheet
1,022Kb / 17P
   Aluminum electrolytic capacitors Snap-in capacitors
B43508A2337M002 EPCOS-B43508A2337M002 Datasheet
1,022Kb / 17P
   Aluminum electrolytic capacitors Snap-in capacitors
B43508A2337M007 EPCOS-B43508A2337M007 Datasheet
1,022Kb / 17P
   Aluminum electrolytic capacitors Snap-in capacitors
More results

Similar Description - B43508A2337M082

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com