Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR1013333KL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # FR1013333KL
Description  SHIELDED INDUCTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

FR1013333KL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  FR1013333KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp FR1013333KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp FR1013333KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp FR1013333KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPECIFICATION FOR APPROVAL
W :
0.7±0.05
FR1013□□□□L□-□□□
Ⅲ﹒MATERIALS:
Ⅳ﹒GENERAL SPECIFICATION:
AR-001A
b﹒Wire:Enamelled copper wire (class F)
a﹒Temper ture rise:20℃ max. at rated current.
f﹒Remark:Products comply with RoHS'
c﹒Operaing temp.:-40 〜 +105℃
b﹒Storage temp.:-25 〜 +85℃
requirements
a﹒Core:Ferrite core
c﹒Bobbin:Phenolic
d﹒Adhesive: Epoxy resin
e﹒Lead: Sn/Ag/Cu
e
a
REF : 20100118-B
NAME
PROD.
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒CONFIGURATION & DIMENSIONS:
A
F
F
:
5.0±0.5
ψ
SHIELDED INDUCTOR
Marking
102
C
:
5.0±2
B
:
13.0±0.5
A
:
10.0±0.5
ABC'S DWG NO.
ABC'S ITEM NO.
c
d
b
a
m/m
m/m
m/m
m/m
m/m
PAGE: 1


Similar Part No. - FR1013333KL

ManufacturerPart #DatasheetDescription
logo
Surge Components
FR101 SURGE-FR101 Datasheet
119Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
FR101 CHONGQING-FR101 Datasheet
177Kb / 1P
   1.0AMP . FAST RECOVERY RECTIFIERS
logo
RFE international
FR101 RFE-FR101 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
logo
Leshan Radio Company
FR101 LRC-FR101 Datasheet
52Kb / 2P
   1A FAST RECOVERY DIODES
logo
SHENZHEN KOO CHIN ELECT...
FR101 KOOCHIN-FR101 Datasheet
284Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - FR1013333KL

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFTPRH3D16 XFMRS-XFTPRH3D16 Datasheet
56Kb / 1P
   SHIELDED INDUCTOR
XFTPRH3D16 XFMRS-XFTPRH3D16 Datasheet
56Kb / 1P
   SHIELDED INDUCTOR
XFTPRH5D28-3R3M XFMRS-XFTPRH5D28-3R3M Datasheet
44Kb / 1P
   Shielded Inductor
XFTPRH4D18-R47N XFMRS-XFTPRH4D18-R47N Datasheet
46Kb / 1P
   SHIELDED INDUCTOR
XFTPRH4018-1R0N XFMRS-XFTPRH4018-1R0N Datasheet
65Kb / 1P
   SHIELDED INDUCTOR
XFTPRH4018-2R2M XFMRS-XFTPRH4018-2R2M Datasheet
37Kb / 1P
   SHIELDED INDUCTOR
XFTPRH4018-102M XFMRS-XFTPRH4018-102M Datasheet
48Kb / 1P
   SHIELDED INDUCTOR
XFTPRH4018-470M XFMRS-XFTPRH4018-470M Datasheet
47Kb / 1P
   SHIELDED INDUCTOR
XFS1MDR1714SH-224 XFMRS-XFS1MDR1714SH-224 Datasheet
38Kb / 1P
   Shielded Inductor
XFS1MDR1714SH-332 XFMRS-XFS1MDR1714SH-332 Datasheet
38Kb / 1P
   Shielded Inductor
XFTPRH5D28R-221M XFMRS-XFTPRH5D28R-221M Datasheet
65Kb / 1P
   Shielded Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com