Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC4532271KL Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # CC4532271KL
Description  WOUND CHIP INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CC4532271KL Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  CC4532271KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp CC4532271KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp CC4532271KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp CC4532271KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp CC4532271KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp CC4532271KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp CC4532271KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp CC4532271KL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1﹒Applied the allowed DC current for
After test,Inductors
After tset,Inductors
shall be no evidence
mechanical damage
shall be no evidence
mechanical damage
no evidence of
1﹒Inductors shall be
mechanical damage
not change more
more than ±20%
3﹒Q Shall not change
2﹒Inductance shall
AR-001A
Resistance to
soldering heat
Shock test
than±5%
voltage test
Vibration test
( Low frequency )
resistance test
Insulation
Over load test
Withstanding
Temperature
rise test
of electrical and
Mechanical performance test
electrical and
1000 MΩ min﹒
of electrical and
20
max.
Inductors shall be dropped 10 times from
a height of 1m onto 3cm wooden board
Temp:260±5℃
Time:10±1.0 sec.
current to inductor for a period of
4﹒Duration:2 hrs / X,Y,Z
2﹒Temperature measure by digital
Applied 2 times of rated allowed DC
inductors terminal and coating for 5 seconds
AC voltage of 1000VAC applied between
100 VDC applied between inductor terminal
2﹒Frequency:10 -- 55 -- 10 Hz / 1min.
1﹒Amplitude:1.5 m/m
3﹒Direction:X,Y,Z
5 minutes
10 minutes
surface thermometer
and coating
Specification
WOUND CHIP INDUCTOR
SPECIFICATION FOR APPROVAL
Ⅸ﹒RELIABILITY TEST:
DC Resistance RDC
Rated current IDC
Self resonance
frequency SRF
Inductance L
NAME
PROD.
Q
electrical
Refer to standard
characteristic list
Electrical performance test
Test item
REF : 20071102-D
Applied the current to coils,The
Test condition / Test method
□HP4194A with HP-16034E test fixture
Inductance change shall be less than 10%
to initial value & temperature rise shall
□HP4291A with HP-16093A test fixture
CC4532□□□□L□-□□□
CH-502AC
not be more than 20℃
ABC'S DWG NO.
ABC'S ITEM NO.
PAGE: 6


Similar Part No. - CC4532271KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CC453232 BOURNS-CC453232 Datasheet
240Kb / 2P
   Wirewound Chip Inductor
CC453232-100KL BOURNS-CC453232-100KL Datasheet
240Kb / 2P
   Wirewound Chip Inductor
CC453232-101KL BOURNS-CC453232-101KL Datasheet
240Kb / 2P
   Wirewound Chip Inductor
CC453232-120KL BOURNS-CC453232-120KL Datasheet
240Kb / 2P
   Wirewound Chip Inductor
CC453232-121KL BOURNS-CC453232-121KL Datasheet
240Kb / 2P
   Wirewound Chip Inductor
More results

Similar Description - CC4532271KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com