Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B66325G0100X127 Datasheet(PDF) 2 Page - EPCOS

Part # B66325G0100X127
Description  Ferrites and accessories
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66325G0100X127 Datasheet(HTML) 2 Page - EPCOS

  B66325G0100X127 Datasheet HTML 1Page - EPCOS B66325G0100X127 Datasheet HTML 2Page - EPCOS B66325G0100X127 Datasheet HTML 3Page - EPCOS B66325G0100X127 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 61246
Delivery mode: single units
Magnetic characteristics (per set)
Σl/A= 0.54 mm–1
le
= 97 mm
Ae
= 178 mm2
Amin = 175 mm2
Ve
= 17300 mm3
Approx. weight 88 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information”)
Validity range:
K1, K2: 0.10 mm < s < 2.50 mm
K3, K4: 1210 nH < AL < 130 nH
Material
AL value
nH
µ
e
PV
W/set
Ordering code
N27
3500 +30/–20%
1510
< 3.30 (200 mT, 25 kHz, 100 °C)
B66325G0000X127
N87
3950 +30/–20%
1690
< 9.00 (200 mT, 100 kHz, 100 °C)
B66325G0000X187
Material
g
mm
AL value
approx.
nH
µ
e
Ordering code
N27
0.10
±0.02
1497
647
B66325G0100X127
0.25
±0.02
759
328
B66325G0250X127
0.50
±0.05
454
196
B66325G0500X127
0.64
±0.05
378
164
B66325G0640X127
1.00
±0.05
272
118
B66325G1000X127
1.50
±0.05
201
87
B66325G1500X127
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N27
272
–0.741
436
–0.847
406
–0.865
N87
272
–0.741
423
–0.796
396
–0.873
FEK0235-M
29.5+1.2
0.5
15.2 _
0.7
_
+1
42
12.2 0.5
_
B66325
Core
E 42/21/15


Similar Part No. - B66325G0100X127

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66325G0100X127 EPCOS-B66325G0100X127 Datasheet
228Kb / 7P
   Ferrites and accessories
logo
TDK Electronics
B66325G0100X127 TDK-B66325G0100X127 Datasheet
386Kb / 7P
   Ferrites and accessories
More results

Similar Description - B66325G0100X127

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com