Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CB30116R8ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # CB30116R8ML
Description  SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CB30116R8ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  CB30116R8ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp CB30116R8ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp CB30116R8ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp CB30116R8ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp CB30116R8ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp CB30116R8ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REF : 20070123-A
PAGE: 1
PROD.
NAME
ABC'S DWG NO.
ABC'S ITEM NO.
SMD POWER INDUCTOR
Ⅰ﹒CONFIGURATION & DIMENSIONS:
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅲ﹒MATERIALS:
Ⅳ﹒GENERAL SPECIFICATION:
a﹒Core:Ferrite core
b﹒Wire:Enamelled copper wire
c﹒Operating temp.:-40℃----+125℃
b﹒Storage temp.:-40℃ ----+120℃
a﹒Temp. rise :40℃ typ.
d﹒Resistance to solder heat:260℃.10 secs.
A :
3.60±0.15
m / m
B :
3.90 max.
C :
1.10±0.10
E :
0.80±0.20
F :
1.60 ref.
G :
4.00 ref.
D :
1.10±0.30
c﹒Base:Cu/Ag(1.0um)
m / m
m / m
m / m
m / m
m / m
m / m
a
b
c
d
AR-001A
150
Time ( seconds )
R eflow Area
+2.0 ~ 4.0℃
100
50
0
200
250
150
100
50
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
+4.0
/ sec max.
Temperature
R ising Area
Preheat Area
150 ~ 200
/ 60 ~ 120sec
Peak Temperature:
200
250
260℃
70sec max.
50sec max.
230℃
-(1.0 ~ 5.0)
/ sec max.
Forced Cooling Area
Peak Temp:260℃ max.
d﹒Adhesive:Epoxy resin
(included Temp. rise)
4R7
A
E
H :
1.00 ref.
m / m
m / m
CB3011□□□□L□-□□□
SPECIFICATION FOR APPROVAL
requirements
e﹒Remark:Products comply with RoHS'
(PCB Pattern Suggestion)
G
H


Similar Part No. - CB30116R8ML

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CB3045CT CITC-CB3045CT Datasheet
690Kb / 3P
   30A Trench Schottky Rectifier
logo
Marathon Special Produc...
CB30501A MARATHON-CB30501A Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CB30501B MARATHON-CB30501B Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CB30501C MARATHON-CB30501C Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CB30501D MARATHON-CB30501D Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
More results

Similar Description - CB30116R8ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com