Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CB30114R7ML Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # CB30114R7ML
Description  SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CB30114R7ML Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  CB30114R7ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp CB30114R7ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp CB30114R7ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp CB30114R7ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp CB30114R7ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp CB30114R7ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
180
Polyamide
Polyesterimide
EILOCKY
200
___
Modified
Polyesterimide
____
EILOCKW
____
____
____
____
Polyamide
____
____
Polyamide
Polyamide
Modified
Modified
____
____
Polyamide
____
OC
Nylon
Polyamide
____
Polyamide
____
, material designation or marked designation on packaed or reel, and
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi-
Recognized Component Mark.
Marking: Company name or trademarks
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI.
fies base coated magnet wire twisted together and covered with top coat overall.
See General Information Preceding These Recognitions
AR-001A
287806002
Page 2 of 2
or 榮星電線
FL.EILOCKY
SF.EILOCKBS
SF.EILOCKY#
SF.BLOCKBS
Mtl
UEW-2
UEY-2
UEW-4
UEY
SFFY
Dsg
UEW-1
287806002
SFFW
SF.BW@
PEY
SF.FLY@
SF.BY@
SF.EIW
SF.FLW
LSUEW
LSFFW
PEW
EIW-2
EIW
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Modified Polyester
Mark
____
____
____
____
____
____
Dsg
____
____
Coat Typ
BC
Page 1 of 2
Polyesterimide
Polyurethane
Polyurethane
Polyesterimide
Polyesterimide
Polyesterimide
Polyesterimide
Polyesterimide
Modified Polyester
Modified Polyester
Modified Polyester
Modified Polyester
____
____
____
____
____
____
____
____
____
____
____
____
____
____
Polyester
Modified
Polyester
Polyester
OBMW2⁄E174837
September 8 , 2000
com mitted to quality service
dedicated to public safety and
A not-for-profit organization
ANSI
MW75C
MW28-C
MW28-C
MW2-C
MW80C
Type
___
MW79
MW26C
Temp
130
130
130
130
155
105
Class
155
155
Nylon
MW24-C
Nylon
Nylon
MW27-C
___
___
___
MW77C
MW26C
MW27-C
Epoxy
___
MW79-C
___
___
MW74-C
___
155
155
180
180
155
155
180
155
155
155
130
155
220
200
____
____
OC
Polyamideimide
231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
HSIEN TAIWAN
Magnet Wire-Component
JUNG SHING WIRE CO LTD
Ⅸ﹒UL CARD:
Dsg
CFUEWB
EIAIW
AIW
Mtl
OBMW2
NAME
PROD.
Polyamideimide
Polyurethane
Polyesterimide
____
Dsg
____
____
____
Mark
Coat Typ
BC
September 8, 2000
E174837
Type
MW35C
MW75C
MW81-C
___
ANSI
Class
200
130
220
Temp
PAGE: 6
SMD POWER INDUCTOR
CB3011□□□□L□-□□□
REF : 20070123-A


Similar Part No. - CB30114R7ML

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CB3045CT CITC-CB3045CT Datasheet
690Kb / 3P
   30A Trench Schottky Rectifier
logo
Marathon Special Produc...
CB30501A MARATHON-CB30501A Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CB30501B MARATHON-CB30501B Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CB30501C MARATHON-CB30501C Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CB30501D MARATHON-CB30501D Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
More results

Similar Description - CB30114R7ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com