Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B66317 Datasheet(PDF) 2 Page - EPCOS

Part # B66317
Description  Ferrites and accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66317 Datasheet(HTML) 2 Page - EPCOS

  B66317 Datasheet HTML 1Page - EPCOS B66317 Datasheet HTML 2Page - EPCOS B66317 Datasheet HTML 3Page - EPCOS B66317 Datasheet HTML 4Page - EPCOS B66317 Datasheet HTML 5Page - EPCOS B66317 Datasheet HTML 6Page - EPCOS B66317 Datasheet HTML 7Page - EPCOS B66317 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 61246
Delivery mode: single units
Magnetic characteristics (per set)
Σl/A= 1.1 mm–1
le
= 57.5 mm
Ae
= 52.5 mm2
Amin = 51.5 mm2
Ve
= 3020 mm3
Approx. weight 16 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Material
AL value
nH
µ
e
PV
W/set
Ordering code
N30
2900 +30/–20%
2530
B66317G0000X130
N27
1750 +30/–20%
1520
< 0.59 (200 mT, 25 kHz, 100 °C)
B66317G0000X127
N87
1850 +30/–20%
1620
< 1.60 (200 mT, 100 kHz, 100 °C)
B66317G0000X187
Material
g
mm
AL value
approx.
nH
µ
e
Ordering code
** = 27 (N27)
** = 87 (N87)
N27,
0.10
±0.02
489
425
B66317G0100X1**
N87
0.16
±0.02
347
302
B66317G0160X1**
0.25
±0.02
250
218
B66317G0250X1**
0.50
±0.05
151
131
B66317G0500X1**
1.00
±0.05
91
79
B66317G1000X1**
B66317
Core
E 25/13/7 (EF 25)


Similar Part No. - B66317

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317 Datasheet
113Kb / 6P
   E 25/13/7 (EF 25) Core
B66317 EPCOS-B66317 Datasheet
323Kb / 10P
   Ferrites and accessories
B66317-G-X127 EPCOS-B66317-G-X127 Datasheet
113Kb / 6P
   E 25/13/7 (EF 25) Core
B66317-G-X130 EPCOS-B66317-G-X130 Datasheet
113Kb / 6P
   E 25/13/7 (EF 25) Core
B66317-G-X187 EPCOS-B66317-G-X187 Datasheet
113Kb / 6P
   E 25/13/7 (EF 25) Core
More results

Similar Description - B66317

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com